Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDI Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TDI
Description  Delayed Single Shot Relay Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TDI Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TDI Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
Delayed Single Shot Relay Output
OPERATION
Voltage is continuously applied to the input. An external isolated switch
controls the timer. When closed (momentary or maintained), the OFF
time begins. Upon completion of the OFF time, the relay energizes and
the ON time begins. Upon completion of the ON time, the relay de-
energizes and the cycle is complete. Reset is accomplished by reclosing
the control switch after the timing cycle has completed. The OFF/ON
time periods are independently adjustable.
SUPPLY
VOLTAGE
OUTPUT
T2
CONTROL
SWITCH
T1
WIRING
DIMENSIONS (INCHES)
1
2
3
4
6
7
9
8
5
A
B
+
–
70-463-1
DPDT Blade Plug-in
SW
4
8
9
3
2
1
11
5
7
6
10
+
–
SUPPLY
RB-11/PF113A
DPDT 11 Pin Plug-in
SPECIFICATIONS
TIMING RANGES
Virtually unlimited. See page 77 for standard
ranges available.
OUTPUT
DPDT, 10 A @ 250 VAC or 24 VDC, resistive;
RATING
211 VA @ 120 VAC, inductive
TIMING
Minimum Setting
+0 – 20%
TOLERANCES Maximum Setting ±10%;
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME 40 mSEC
SUPPLY
24 or 120 VAC or VDC, 50/60 Hz; ±10%
VOLTAGE
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 watts (approximately)
CONSUMPTION
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY Mechanical 10 million operations (minimum)
Electrical
100,000 operations
@ rated load
WEIGHT
6.4 oz.
MODEL NUMBER
MODEL NUMBER
TDI
A
SUPPLY VOLTAGE
24 VAC or DC
24
110/120 VAC or DC
120
TYPE OF OPERATION
Knob Adjustable
K
Lock Nut Adjustable
L
Fixed
F
ENCLOSURE STYLE
11-pin Round plug-in
A
Blade plug-in
B
DELAY PERIOD
See page 82 for standard ranges available
Example: TDI-120-ALA-300—Delayed single shot, 120 Volts AC or DC,
lock nut adjustable from 3 to 300 seconds, 11-pin octal plug-in, UL
Recognized.
E55826
2.375”
11 Pin Plug-in
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TDI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TDI120AL LITTELFUSE-TDI120AL Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TDI12D LITTELFUSE-TDI12D Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
logo
Radiometrix Ltd
TDI2 RADIOMETRIX-TDI2 Datasheet
510Kb / 4P
Wireless RS232 Interface Board
TDI2-433-9 RADIOMETRIX-TDI2-433-9 Datasheet
510Kb / 4P
Wireless RS232 Interface Board
More results

Similar Description - TDI

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-T248 AAEON-PER-T248 Datasheet
130Kb / 1P
supports single-shot transmission
logo
M-System Co.,Ltd.
38BSH2 MSYSTEM-38BSH2 Datasheet
58Kb / 2P
ONE-SHOT OUTPUT RELAY CARD
logo
Littelfuse
HRDS LITTELFUSE-HRDS Datasheet
701Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062116
HSPZA22SL LITTELFUSE-HSPZA22SL Datasheet
450Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
KRD9 LITTELFUSE-KRD9 Datasheet
612Kb / 2P
Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062216
KRDS LITTELFUSE-KRDS Datasheet
525Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
ORS LITTELFUSE-ORS Datasheet
424Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
PRS65 LITTELFUSE-PRS65 Datasheet
309Kb / 1P
Dedicated - Single Shot
2016 Rev: 1-A-062716
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TDS LITTELFUSE-TDS Datasheet
347Kb / 2P
Relay Output, Single Shot Time Delay Relay
2021 Rev: 1-B-030121
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com