Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD49300 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD49300
Description  3A Very low drop for low output voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49300 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD49300 Datasheet HTML 3Page - STMicroelectronics LD49300 Datasheet HTML 4Page - STMicroelectronics LD49300 Datasheet HTML 5Page - STMicroelectronics LD49300 Datasheet HTML 6Page - STMicroelectronics LD49300 Datasheet HTML 7Page - STMicroelectronics LD49300 Datasheet HTML 8Page - STMicroelectronics LD49300 Datasheet HTML 9Page - STMicroelectronics LD49300 Datasheet HTML 10Page - STMicroelectronics LD49300 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LD49300
Maximum ratings
7/20
5
Maximum ratings
Table 2.
Absolute maximum ratings
Note: 1 Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional Operation under these conditions is not implied.
2 All the values are referred to ground.
Table 3.
Operating ratings
Symbol
Parameter
Value
Unit
VIN
Supply voltage
-0.3 to 7
V
VOUT
Output voltage
-0.3 to VIN + 0.3
-0.3 to VBIAS + 0.3
V
VBIAS
BIAS Supply voltage
-0.3 to 7
V
VEN
Enable input voltage
-0.3 to 7
V
PD
Power dissipation
Internally Limited
TSTG
Storage temperature range
-50 to 150
°C
Symbol
Parameter
Value
Unit
VIN
Supply voltage
1.4 to 5.5
V
VOUT
Output voltage
0.8 to 4.5
V
VBIAS
BIAS Supply voltage
3 to 6
V
VEN
Enable input voltage
0 to VBIAS
V
TJ
Junction temperature range
-25 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com