Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD49300 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD49300
Description  3A Very low drop for low output voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49300 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD49300 Datasheet HTML 11Page - STMicroelectronics LD49300 Datasheet HTML 12Page - STMicroelectronics LD49300 Datasheet HTML 13Page - STMicroelectronics LD49300 Datasheet HTML 14Page - STMicroelectronics LD49300 Datasheet HTML 15Page - STMicroelectronics LD49300 Datasheet HTML 16Page - STMicroelectronics LD49300 Datasheet HTML 17Page - STMicroelectronics LD49300 Datasheet HTML 18Page - STMicroelectronics LD49300 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LD49300
Application hints
15/20
8.8
Heatsinking PPAK package
The PPAK package uses the copper plane on the PCB as a heatsink. The tab of these
packages is soldered to the copper plane for heat sinking. It is also possible to use the PCB
ground plane a heatsink. This area can be the inner GND layer of a multi-layer PCB, or, in a
dual layer PCB, it can be an unbroken GND area on the opposite side where the IC is situated
with a dissipating area thermally connected through vias holes, filled by solder.
Figure 26 shows a curve for
θ
JA of the PPAK package for different copper area sizes, using a
typical PCB with 1/16 in thick G10/FR4.
8.9
Adjustable regulator design
The LD49300 adjustable version allows fixing output voltage anywhere between 0.8V and 4.5V
using two resistors as shown in the typical application circuit. For example, to fix the R1 resistor
value between VOUT and the ADJ pin, the resistor value between ADJ and GND (R2) is
calculated by:
R2 = R1 [0.8/(VOUT - 0.8)]
Where VOUT is the desired output voltage.
It is suggested to use R1 values lower than 10K
Ω to obtain better load transient performances.
Even, higher values up to 100K
Ω are suitable.
8.10
Enable
The fixed output voltage versions of LD49300 feature an active high Enable input (EN) that
allows on-off control of the regulator. The EN input threshold is guaranteed between 0.4V and
1.4V, for simple logic interfacing. The regulator is set in shut down mode when VEN<0.4V and it
is in operating mode (VOUT activated) when VEN>1.4V. If not in use, the EN pin must be tied
directly to the VIN to keep the regulator continuously activated. The En pin must not be left at
high impedance.
Figure 26.
θ
JA vs Copper Area for PPAK package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com