Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD49300 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD49300
Description  3A Very low drop for low output voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49300 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD49300 Datasheet HTML 9Page - STMicroelectronics LD49300 Datasheet HTML 10Page - STMicroelectronics LD49300 Datasheet HTML 11Page - STMicroelectronics LD49300 Datasheet HTML 12Page - STMicroelectronics LD49300 Datasheet HTML 13Page - STMicroelectronics LD49300 Datasheet HTML 14Page - STMicroelectronics LD49300 Datasheet HTML 15Page - STMicroelectronics LD49300 Datasheet HTML 16Page - STMicroelectronics LD49300 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LD49300
Application hints
13/20
8
Application hints
The LD49300 is an ultra-high performance, low dropout linear regulator, designed for high
current application that requires fast transient response. The LD49300 operates from two input
voltages, to reduce dropout voltage. The LD49300 is designed so that a minimum of external
component are necessary.
8.1
Input supply voltage (VIN)
VIN provides the power input current to the LD49300. The minimum input voltage can be as low
as 1.4V, allowing conversion from very low voltage supplies to achieve low output voltage levels
with very low power dissipation.
8.2
Bias supply voltage (VBIAS)
The LD49300 control circuitry is supplied the VBIAS pin which requires a very low bias current
(3mA typ.) even at the maximum output current level (3A). A bypass capacitor on the bias pin is
recommended to improve the performance of the LD49300 during line and load transient. The
small ceramic capacitor from VBIAS to ground reduces high frequency noise that could be
injected into the control circuitry from the bias rail. In typical applications a 1µF ceramic chip
capacitor may be used. The VBIAS input voltage must be 2.1V above the output voltage, with a
minimum VBIAS input voltage of 3V.
8.3
External capacitors
To assure regulator stability, input and output capacitors are required as shown in the typical
application circuit.
8.4
Output capacitor
The LD49300 requires a minimum output capacitance to maintain stability. A ceramic chip
capacitor of at least 1µF is required. However, specific capacitor selection could be needed to
ensure the transient response. A 1µF ceramic chip capacitor satisfies most applications but
10µF is recommended to ensure better transient performances. In applications where the VIN
level is close to the maximum operating voltage (VIN>4V), it is strongly recommended to use an
output capacitors of, at least, 10µF in order to avoid over-voltage stress on the Input/output
power pins during short circuit conditions due to parasitic inductive effect. The output capacitor
must be located as close as possible to the output pin of the LD49300. The ESR (equivalent
series resistance) of the output capacitor must be within the "STABLE" region as shown in the
typical characteristics figures. Both ceramic and tantalum capacitors are suitable.
8.5
Minimum load current
The LD49300 does not require a minimum load to maintain output voltage regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com