Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FNDS Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5010FNDS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FNDS Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5010FNDS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —16
5010AH
×, BH× series
3V operation/Duty level: CMOS
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −10 to +70°C unless otherwise noted.
5V operation/Duty level: CMOS
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 6, load cct 1, CL = 15pF, 0.1VDD to 0.9VDD
–
8
16
ns
Output fall time
tf1
Measurement cct 6, load cct 1, CL = 15pF, 0.9VDD to 0.1VDD
–
8
16
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF, f = 16MHz
40–60
%
Output disable delay time
tPLZ
Measurement cct 7, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 6, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
–
5
10
ns
tr2
CL = 50pF
–
13
26
Output fall time
tf1
Measurement cct 6, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
–
5
10
ns
tf2
CL = 50pF
–
13
26
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 6, load cct 1, VDD = 5.0V, Ta = 25°C,
CL = 15pF, f = 30MHz
45–55
%
Output disable delay time
tPLZ
Measurement cct 7, load cct 1, VDD = 5.0V, Ta = 25°C,
CL = 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com