Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FNDS Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5010FNDS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FNDS Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5010FNDS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 25Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —21
5010HK
× series
5V operation/Duty level: TTL
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr3
Measurement cct 6, load cct 2,
0.4V to 2.4V
CL = 15pF
–
1.2
2.4
ns
tr5
CL = 50pF
–
2.0
5.0
Output fall time
tf3
Measurement cct 6, load cct 2,
2.4V to 0.4V
CL = 15pF
–
1.2
2.4
ns
tf5
CL = 50pF
–
2.0
5.0
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 6, load cct 2, VDD = 5.0V, Ta = 25°C,
CL = 15pF, f = 50MHz
45–55
%
Output disable delay time
tPLZ
Measurement cct 7, load cct 2, VDD = 5.0V, Ta = 25°C,
CL = 15pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
30
17.2
4.36
6.46
2.26
40
16.8
2.90
5.47
2.08
L
Ca
R
Cb
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
30
18.62
16.24
1.733
5.337
40
20.53
11.34
1.396
3.989
50
22.17
7.40
1.370
4.105
60
15.37
3.83
1.836
5.191
70
25.42
4.18
1.254
5.170
for Fundamental oscillator
for 3rd overtone oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com