Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FNDS Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5010FNDS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FNDS Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5010FNDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5010FNDS Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —12
5010FN
× series
3V operation: VDD = 2.7 to 3.6V, VSS = 0V, Ta = −10 to +70°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA
2.2
2.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 3.6V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF
5010FNA, FNC
f = 30MHz
–8
16
mA
5010FND
f = 40MHz
–10
20
INHN pull-up resistance
RUP
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
5010FNA
3.57
4.2
4.83
k
Ω
5010FNC
2.63
3.1
3.57
5010FND
1.87
2.2
2.53
Built-in capacitance
CG
Design value. A monitor pattern on a
wafer is tested.
5010FNA
11.7
13
14.3
pF
5010FNC
9.9
11
12.1
5010FND
11.7
13
14.3
CD
5010FNA
13.5
15
16.5
5010FNC
15.3
17
18.7
5010FND
15.3
17
18.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com