Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R009 Datasheet(PDF) 3 Page - Kontron

Part # F5000-R009
Description  Intel® C246 Express Chipset and Intel® Xeon®/Intel® 8th/9th Gen Core™
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R009 Datasheet(HTML) 3 Page - Kontron

  F5000-R009 Datasheet HTML 1Page - Kontron F5000-R009 Datasheet HTML 2Page - Kontron F5000-R009 Datasheet HTML 3Page - Kontron F5000-R009 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INTERNAL USE ONLY
INTERNAL USE ONLY
D3641-S C246
D3641-S C246
Configuration CougarPoint-Industrial_V04 © 2010 FUJITSU
8
Socket LGA1151
Intel XEON ® -E21xx
Intel XEON ® -E22xx
CoffeeLake-S
max. 95W TDP
ATX
Power
Supply
PCIe x16 Gen3 (16 lanes)
PCIe x16 Gen3 (4 lanes)
PCIe x1 Gen3
.
(open slot)
C246
PCH incl.
heatsink
IO
4 x DDR4
2666/2400
6-Layer PCB
6 x SATA III
USB
2.0
8 Bit
GPIO
PCIe x1 Gen3
.
PSU Fan
Control
CPU Fan
Front Audio
SP/DIF
Intrusion
Fan3
Fan2
Fan4
Battery
Buzzer
243.8 mm
SCSI
LED
12V for
Proc.
COM3
COM2
COM4
Front Panel
Parallel Port
M.2-
2230
Key-E
WLAN/
BT
M.2-
2280
Key-M
SSD
(PCIe)
USB
3.0
USB 3.1
Stick
// 3
www.kontron.com
POWER SUPPLY REQUIREMENTS
SOURCE
VOLTAGE
MIN. PS LOAD
MAX. VOLTAGE
TOLERANCE
MOTHERBOARD
CAPACITIVE LOAD
MOTHERBOARD MAX.
CURRENT (continous)
Main Power Supply
+ 12 V
0.05 A
± 5 %
5.000 µF
10 A / 18 A*
- 12 V
0 A
± 10 %
470 µF
0.3 A
+ 5 V
0.2 A
± 5 %
3.000 µF
6.0 A
+ 3.3 V
0 A
± 5 %
3.000 µF
0.5 A
Aux
+ 5 Vaux
0 A
+ 5 % / - 3 %
3.000 µF
2.5 A
*) Processor 95 W TDP: Max. Cont. Current = 10 A; max. Surge Current = 16 A (< 100sec) / 18 A (< 10ms)
Processor 65 W TDP: Max. Cont. Current = 7 A; max. Surge Current = 14 A (< 100sec) / 18 A (< 10ms)
Processor 35 W TDP: Max. Cont. Current = 4 A; max. Surge Current = 10 A (< 100sec) / 14 A (< 10ms)
CONNECTOR / SOCKET DIAGRAM
TECHNICAL INFORMATION
SYSTEM CONTROL
FP HEADER
SECURITY
1x Header for Reset button, HDD LED & External Speaker, Power button,
Power LED
Recovery BIOS, System and BIOS Password, Boot Sequence Control,
Serial/USB- Port Access Protection, Write Protection for Flash BIOS,
EraseDisk (BIOS Feature),
Infineon Trusted Platform Module (TPM)
SOFTWARE
OS SUPPORT
MS Windows 10
Linux-64
MECHANICAL
DIMENSIONS (L x W)
µATX: 9.6” x 9.6” (243.8 x 243.8 mm)
ENVIRONMENTAL
OPERATION TEMPERATURE
0 °C - 60 °C
CERTIFICATION
EMC & SAFETY
cTÜVus acc. IEC62368-1, CE Class B Industrial Immunity, FCC-B verified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com