Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R009 Datasheet(PDF) 4 Page - Kontron

Part # F5000-R009
Description  Intel® C246 Express Chipset and Intel® Xeon®/Intel® 8th/9th Gen Core™
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R009 Datasheet(HTML) 4 Page - Kontron

  F5000-R009 Datasheet HTML 1Page - Kontron F5000-R009 Datasheet HTML 2Page - Kontron F5000-R009 Datasheet HTML 3Page - Kontron F5000-R009 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
// 4
GLOBAL HEADQUARTERS
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
Fax: + 49 821 4086-111
info@kontron.com
www.kontron.com
ORDERING INFORMATION
ARTICLE
PART NO.
DESCRIPTION
D3641-S μATX
F5110-V163
Intel® 8th/9th Gen Core™ & Intel® Xeon® Processor Series, Intel® C246 Chipset
ACCESSORIES
VGA EXTENSION CARD
F5000-R009
D3653-A
SERIAL PORT CABLE
F5000-K010
400 mm, fullsize slot bracket
M.2 CARRIER BOARD
F5000-M001
D3352-A1
TECHNICAL INFORMATION
FEATURES
Board Size / Chipset
VGA* / DVI-I / DVI-D / DP V1.2 / 2nd DP V1.2 / LVDS
Stereo Audio / 5.1 Multichannel Audio / Front Panel Audio
Buzzer / int. Speaker Support (mono)
Dual LAN Gbit / 100 Mbit / 10 Mbit / WoL / LAN Boot / Teaming
AMT 12.0 vPro / Intel Standard Manageability / DASH V1.1
SATA / SATA RAID / eSATA Support / mSATA / M.2 SSD (PCIe)
USB 2.0 / USB 3.1 Gen1 / USB 3.1 Gen2
FAN controlled & monitored PSU** / CPU / AUX1 / AUX2 / AUX3
TEMP monitored CPU / Onboard Sensors / External Sensor
µATX / iC246
- / - / + / + / + / -
- / + / +
+ / +
+ / + / + / + / + / +
+ / + / +
+ / + / + / - / +
+ / + / +
+ / + / + / + / +
+ / + / -
SPECIAL FEATURES
Silent Fan / System Guard / cTDP
Recovery BIOS / Desk Update / Multi Boot
HDD Password / EraseDisk / TPM V2.0
BIOS POST Watchdog / BIOS Boot Watchdog / OS HW Watchdog
Logo Boot Option
High Efficiency Core Voltage Regulator Design
Operating Mode 24-7 / 8-5 (hrs per day - days per week)
Motherboard operating temperature range (chassis inside)***
+ / + / +
+ / + / +
+ / + / +
+ / + / +
+
+
+ / -
0 °C – 60 °C
INTERNAL CONNECTORS
DIMM Sockets (DDR4 2666MHz)
PCI Express® x16: 16lanes-gen3 / PCI Express® x16: 4lanes-gen3
PCI Express® x1: gen3-"open" / PCI Expres® x1: gen3-1 lane-"closed"
PCI Slots (32 Bit, 33 MHz, Rev. 2.3) / Mini-PCIe
SATA-600 / mSATA / M.2 SSD 2280 (Key-M, PCIe/NVME)
M.2 2230 (Key-E, PCIe & USB2.0 for WLAN/Bluetooth)
S/PDIF (digital Audio) OUT / IN
Front Panel Audio (9-Pin, HD Audio)
USB 2.0 / USB 3.1 (Gen1) / USB 3.1 (Gen2) / USB 3.1 (Gen2) Stick****
FAN PSU / CPU / AUX1 / AUX2 / Aux3
Intrusion (Case Open) / GPIO (8Bit) / SM-Bus (Case Temp.)
Serial (COM, RS-232) / Parallel Port Pin Header*****
Front Panel (Power Switch, Reset Switch, LEDs, Intel 10 pin compatible)
ATX Power Supply (24 pin + 4 pin) / 12 V-only Power Supply
4
1 / 1
1 / 1
- / -
6 / - / 1
1
1 / -
1
1 / 1 / - / 1
1 / 1 / 1 / 1 / 1
1 / 1 / -
3 / 1
1
+ / -
EXTERNAL CONNECTORS
VGA Sub D* / DVI-I / DVI-D / DisplayPort V1.2
Audio Mic. In / Line in / Line out (or driver configuration)
LAN (RJ-45)
PS/2 Mouse / Keyboard
USB 2.0 / USB 3.1 (Gen1) / USB 3.1 (Gen2)
Serial (COM1, RS-232)
Parallel (EPP/ECP)***
- / - / 1 / 2
1 / 1 / 1
2
1 / 1
4 / 2 / 2
1
-
*) VGA possible via optional Extension Card D3653-A or DP-VGA-converter (dongle)
**) Not supported by standard Power Supplies
***) Forced cooling required, see technical documentation for details
****) Each internal USB connector (pin header) provides two USB ports (except for USB stick socket)
*****) External parallel port possible via optional connector cable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com