Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R009 Datasheet(PDF) 2 Page - Kontron

Part # F5000-R009
Description  Intel® C246 Express Chipset and Intel® Xeon®/Intel® 8th/9th Gen Core™
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R009 Datasheet(HTML) 2 Page - Kontron

  F5000-R009 Datasheet HTML 1Page - Kontron F5000-R009 Datasheet HTML 2Page - Kontron F5000-R009 Datasheet HTML 3Page - Kontron F5000-R009 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
// 2
www.kontron.com
TECHNICAL INFORMATION
SYSTEM
PROCESSOR
CHIPSET
MEMORY
Intel® Xeon® E-21xx/E-22xx processor series
Intel® Core™ i9/i7/i5/i3 (8th/9th Gen) processor series
Intel® Pentium®/Intel® Celeron® processor series
Socket LGA1151, max. 95 W TDP
(For details on supported processors please refer to Kontron FTP Server)
Intel® C246 Express Chipset
4 DIMM Sockets DDR4-2666 (1.2 V), max. 64 GByte, Dual Channel
DDR4 -2666 (CL19)/-2400 (CL17)/-2133 (CL15) SDRAM,
unbuffered, ECC/non-ECC
Note: 128 GByte memory configuration (4x 32 GByte modules) not supported
Effective memory speed depends on installed processor
VIDEO
GRAPHICS
Intel® UHD Graphics (depends on installed processor), DX12
2x DP V1.2
1x DVI-D
VGA output possible via optional VGA extension card D3653-A
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Realtek ALC671
5.1- channel, High Definition Audio Codec
NETWORK CONNECTION
ETHERNET
Intel i219LM & i210AT with 10/100/1000 MBit/s, AMT 12.0/vPro Support,
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/Os
6x USB 2.0, 4x USB 3.1 Gen1, 2x USB 3.1 Gen2, 1x USB 3.1 Gen2 stick socket
1x RS232 (by header)
1x 8-Bit GPIO
STORAGE & EXPANSION
SATA
PCIe/PCI SLOTS
6x Serial ATA III 600 Interface (up to 6GBit/s), NCQ, AHCI, RAID 0/1/5/10,
1x M.2 PCIe (2280), 1x M.2 Key-E (2230)
PCIe x16: 1x 16 lanes, Gen3/1x 4 lanes, Gen3
PCIe x1: 1x Gen3, "open"/1x Gen3, "closed"
POWER
CONNECTOR
INPUT VOLTAGE
8 Bit GPIO (Input/Output); WLAN LED support, WLAN enable/disable support
3.3 V/5 V/12 V supply voltage output; SMBus controller PCA9554A
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS
modified and adapted by Kontron; Recovery BIOS, SM-BIOS (DMI), BIOS and
CPU Microcode Update, Quick Boot, Logo Boot, Quiet Boot, Plug & Play,
Automatic DRAM and PCIe Configuration, BIOS Support for S.M.A.R.T.,
Advanced Power Management, ACPI S3/S4, Wake on time from S5. HW
Watchdog support & BIOS integrated HW Diagnostic Tool.
No legacy OS support, no MBR installation (UEFI only)
Recovery BIOS, System and BIOS Password, Boot Sequence Control
Integrated
TPM V2.0 (Infineon SLB9670; TCG compliant)
D3641-S μATX
Industrial Series
The Industrial Motherboard D3641-S µATX is equipped with the
highly performant Intel® C246 Express Chipset. It also offers a
multitude of supporting processors such as the Intel® Xeon®
E-21xx/E-22xx processor series, as well as Intel® Core™ i9/i7/i5/i3
(8th/9th Gen) and the Intel® Pentium®/Intel® Celeron® processor
series. Designed and approved for 24/7 continuous operation and
an enhanced temperature range up to 60 °C the D3641-S µATX
provides high functionality and fits perfect with special require-
ments of certain markets. It offers extended manageability with
the latest Intel® AMT 12.0 and vPro.
PRODUCT HIGHLIGHTS
 Intel® 8th/9th Gen Core™ & Intel® Xeon® Processor Series
 DDR4 2666 SDRAM, max. 64 GByte
 cTDP – Easy & flexible reduction of CPU TDP
 Supporting Intel® AMT 12.0/vPro
 PCI Express® x16 (Gen.3)
 2x Intel® GbE LAN (incl. Teaming)
 Intel® UHD Graphics (DX12); 1x DVI-D, 2x DP V1.2
 Intel® High Definition 5.1 Audio; Infineon TPM V2.0
 8 Bit GPIO; 4 x COM ports
 6x USB 2.0, 4x USB 3.1 Gen1, 2x USB 3.1 Gen2,
1x USB 3.1 Gen2 stick socket
 6x SATA 6G incl. RAID support, parallel port (internal pin header)
 M.2 2280 (PCIe-based SSD modules)
 M.2 2230 (WLAN/Bluetooth modules)
 BIOS-POST/-Boot & OS – HW Watchdog onboard
LAN2
COM1
4x USB 2.0
Mouse
LAN1 (iAMT)
Kbd
2x DP V1.2
DVI-D
2x USB 3.1
Gen2
2x USB 3.1
Gen1
Audio



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com