Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCPWR Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # ATCPWR
Description  24V Industrial Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ATCPWR Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  ATCPWR Datasheet HTML 1Page - Automatic Timing & Controls, Inc. ATCPWR Datasheet HTML 2Page - Automatic Timing & Controls, Inc. ATCPWR Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
152
SPECIFICATIONS (CONT.)
ATC480W24V
ATC240W24V
ATC120W24V
ATC60W24V
INPUT (CONT.)
< 60 Amps; Measured at 264 VAC,
25°C Ambient, Cold start
< 48 Amps; Measured at 264 VAC,
25°C Ambient, Cold start
Inrush Current
< 1 mA; 264 VAC input
Leakage Current
PROTECTION
110% to 140% of rated output current;
Hiccup type; Autorecovery
> 110% of rated output current;
Hiccup type, Autorecovery
Overload
31 VDC ± 0.5 VDC
31.5 VDC ± 1 VDC
Overvoltage
Latched type; Input AC power to be recycled to recover the power supply
Hiccup mode when output is shorted; Autorecovery type
Output Short Circuit
Power supply shuts
down when the temper-
ature of PCB below main
transformer reaches
typically 120°C;
Turns on only after the
temperature falls below
90°C typically and
AC power is recycled
thereafter.
The power supply shuts
down when the tempera-
ture of PCB below PFC
choke reaches typically
120°C. It recovers auto-
matically when tempera-
ture falls to typically 90°C
Power supply shuts down when the temperature of
PCB below main transformer reaches typically 120°C;
Turns on only after the temperature falls below 90°C
typically and AC power is recycled thereafter.
Over Temperature
FUNCTION
Contact closes at 23.0V (typ.)
Contact opens at 22.5V (typ.)
DC OK Signal
Contact Rating: 30 VDC 1 A; 60 VDC 0.5 A; 125 VAC
0.5 A; resistive load, min. current 1mA
ENVIRONMENT
- 25°C to + 70°C; De-rate linearly above 50°C from 100% load at 50°C to 50% load at 70°C,
- 25°C to 0°C startup is guaranteed with specification deviation
(Output ripple can be more than 10% of the output voltage.)
Operating Temperature
- 40°C to + 85°C
Storage Temperature
Natural convection cooled
Cooling
5 to 95% RH, Non condensing
Humidity
2000 m
Altitude
Component: 10 ~ 500 Hz, 2 G 10 min. / 1 cycle, period for 60 min. each along X, Y, Z axes
Vibration
SAFETY & EMC
I/P to Earth: 2500 VAC O/P to Earth: 1500 VAC
I/P to O/P: 4000 VAC
O/P to DC-OK: 500 VAC
I/P to Earth: 2500 VAC
I/P to O/P: 4000 VAC
O/P to Earth: 1500 VAC
OTHERS
60 x 154 x 158.55 mm
(W x H x D)
50 x 136 x 135 mm
(W x H x D)
43 x 109.8 x 102.7mm
(W x H x D)
43 x 109.8 x 102.7 mm
(W x H x D)
Dimension
1050 gms
645 gms
350 gms
285 gms
Weight
35 mm DIN rail
Mounting
Diversified Electronics
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com