Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCPWR Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # ATCPWR
Description  24V Industrial Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ATCPWR Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  ATCPWR Datasheet HTML 1Page - Automatic Timing & Controls, Inc. ATCPWR Datasheet HTML 2Page - Automatic Timing & Controls, Inc. ATCPWR Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
151
OVERVIEW
ATCPWR Industrial 24 VDC DIN Rail-Mount Power Supply series comes
complete with built-in active power factor cor- rection. Compact
space-saving design models ranging from 60 watts to 480 watts and
available with AC universal supply voltage (90-264 VAC) are cULus
listed / UL 508 approved. All models offer built-in protection against
short-circuit, overload, overvoltage, and over-temperature conditions,
with efficiencies ranging from 87% to 93.5% @ 230 VAC.
24V Industrial Power Supplies
FEATURES
Supports 90-264 VAC / 127-370 VDC
Built-In Power Factor Correction
Protection Against Short Circuit, Overload,
Overvoltage, and Over Temperature
Cooling By Free Air Convection
Robust Input/Output Terminal Connections
UL-508 Approved (E206430)
RoHS, CE, and REACH Compliant
ORDERING INFORMATION
Description
Model Number
60 W, 24 V / 2.5 A DIN rail mounted
Power Supply in Plastic Housing
ATC60W24V
120 W, 24 V / 5 A DIN rail mounted
Power Supply in Plastic Housing
ATC120W24V
240 W, 24 V / 10 A DIN rail mounted
Power Supply in Plastic Housing
ATC240W24V
480 W, 24 V / 20 A DIN rail mounted
Power Supply in Plastic Housing
ATC480W24V
SPECIFICATIONS
ATC60W24V
ATC120W24V
ATC240W24V
ATC480W24V
OUTPUT
24 V
Nominal DC Voltage
20 A
10 A
5 A
2.5 A
Rated Current
0 - 20 A
0 - 10 A
0 - 5 A
0 - 2.5 A
Current Range
480 W
240 W
120 W
60 W
Rated Power
< 1% of Vout
Ripple & Noise (max)
24 to 28 V
Voltage Adj. Range
± 1%
Voltage Tolerance
± 1%
± 0.5%
Line Regulation
± 1%
Load Regulation
< 2 sec; at Full load
< 1 sec at 230 VAC & < 3 sec at 115 VAC, Full load
Turn On Time
> 20 mS at 24 V & >
12 mS at 28 V at 115 /
230 VAC, Full load
> 25 mS at 24 V & > 16
mS at 28 V at 115 / 230
VAC, Full load
≥ 60 ms at 230 VAC & ≥ 15 ms at 115 VAC, Full load
Hold Up Time
< 100 ms
Rise Time
INPUT
90 - 264 VAC / 127 - 370VDC
De-rate output power linearly below 100 VAC from
100% at 100 VAC to 90% at 90 VAC
90 - 264 VAC / 127 - 370 VDC
Voltage Range*
50 / 60 Hz
Frequency Range
> 0.95 at Full load over entire input range
Power Factor
> 93.5%
> 93%
Up to 89%
Up to 87%
Efficiency @ 230V AC
4.8 A at 115 VAC;
2.4 A at 230 VAC
2.4 A at 115 VAC;
1.2 A at 230 VAC
2.2 A at 115 VAC;
1.5 A at 230 VAC
1.2 A at 115 VAC;
0.8 A at 230 VAC
AC Current
* Although power supply will work for the specified DC input voltage range, UL approval is only for the specified AC input voltage range.
Diversified Electronics
800.727.5646
atcdiversified.com


Similar Part No. - ATCPWR

ManufacturerPart #DatasheetDescription
logo
ABB
ATCP100 ABB-ATCP100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
ATCP100M125 ABB-ATCP100M125 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
ATCP100M160 ABB-ATCP100M160 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
ATCP100M200 ABB-ATCP100M200 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
ATCP80 ABB-ATCP80 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
More results

Similar Description - ATCPWR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HWS300P RSG-HWS300P Datasheet
367Kb / 3P
Peak Power Industrial Power Supplies
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
Industrial Power Supplies
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
350WATX with 24V industrial PC Power Supply
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
Touchstone Semiconducto...
TIS TOUCHSTONE-TIS Datasheet
1Mb / 13P
Industrial Power Supplies
logo
TDK Electronics
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
Single Output Industrial Power Supplies
logo
Red Lion Controls. Inc
XX-PS-024 REDLION-XX-PS-024 Datasheet
1Mb / 3P
Industrial Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com