Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCPWR Datasheet(PDF) 3 Page - Automatic Timing & Controls, Inc.

Part # ATCPWR
Description  24V Industrial Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ATCPWR Datasheet(HTML) 3 Page - Automatic Timing & Controls, Inc.

  ATCPWR Datasheet HTML 1Page - Automatic Timing & Controls, Inc. ATCPWR Datasheet HTML 2Page - Automatic Timing & Controls, Inc. ATCPWR Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
153
MOTOR PROTECTION
COMPLIANCE
APPLICABLE EMI / EMC STANDARDS
Conducted
Emission
Reference Standards: CISPR11
Testing Level:
ATC60W24V/ATC120W24V: CLASS A
ATC240W24V/ATC480W24V: CLASS B
Radiated
Emission
Reference Standards: CISPR22
Testing Level: CLASS A
Electrostatic
Discharge
Reference Standards: IEC 61000-4-2
Testing Level: Level 4, Criteria A;
Level 3, Criteria A
Radiated
Susceptibility
Reference Standards: IEC 61000-4-3
Testing Level: Level 3, Criteria B
Electrical Fast
Transient / Burst
Reference Standards: IEC 61000-4-4
Testing Level: Level 3, Criteria A
Surge
Reference Standards: IEC 61000-4-5
Testing Level: Level 3, Criteria A
Conducted
Susceptibility
Reference Standards: IEC 61000-4-6
Testing Level: Level 3, Criteria B
Power Frequency
Magnetic Field
Reference Standards: IEC 61000-4-8
Testing Level: Level 4, Criteria A
Voltage Dips &
Interruption
Reference Standards: IEC 61000-4-11
Testing Level: Criteria A & B
Safety
UL 508 approved (E206430);
Designed to meet IEC 62368-1
TERMINAL CONNECTIONS
DIMENSIONS (MILLIMETERS)
DERATING CURVE
DERATING CURVE
POWER DERATING W. R. T. AMBIENT TEMPERATURE
(ALL MODELS)
POWER DERATING W. R. T. INPUT VOLTAGE
(ATC240W24V / ATC480W24V)
Diversified Electronics
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com