Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD7203F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD7203F Datasheet HTML 1Page - Toshiba Semiconductor TPD7203F Datasheet HTML 2Page - Toshiba Semiconductor TPD7203F Datasheet HTML 3Page - Toshiba Semiconductor TPD7203F Datasheet HTML 4Page - Toshiba Semiconductor TPD7203F Datasheet HTML 5Page - Toshiba Semiconductor TPD7203F Datasheet HTML 6Page - Toshiba Semiconductor TPD7203F Datasheet HTML 7Page - Toshiba Semiconductor TPD7203F Datasheet HTML 8Page - Toshiba Semiconductor TPD7203F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPD7203F
2006-10-31
4
Truth Table
(All outputs go to low for input in high-side/low-side arm shorting mode)
Input
Output
Mode
No.
In1
(UU)
In2
(VU)
In3
(WU)
In4
(UB)
In5
(VB)
In6
(WB)
Out
UU
Out
VU
Out
WU
Out
UB
Out
VB
Out
WB
Remarks
01
L
L
L
L
L
L
L
L
L
L
L
L
02
H
L
L
L
L
L
H
L
L
L
L
L
03
L
H
L
L
L
L
L
H
L
L
L
L
04
L
L
H
L
L
L
L
L
H
L
L
L
05
L
L
L
H
L
L
L
L
L
H
L
L
06
L
L
L
L
H
L
L
L
L
L
H
L
07
L
L
L
L
L
H
L
L
L
L
L
H
08
H
L
L
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
09
H
L
L
L
H
L
H
L
L
L
H
L
120° square wave conducting normal mode
10
H
L
L
L
L
H
H
L
L
L
L
H
120° square wave conducting normal mode
11
L
H
L
H
L
L
L
H
L
H
L
L
120° square wave conducting normal mode
12
L
H
L
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
13
L
H
L
L
L
H
L
H
L
L
L
H
120° square wave conducting normal mode
14
L
L
H
H
L
L
L
L
H
H
L
L
120° square wave conducting normal mode
15
L
L
H
L
H
L
L
L
H
L
H
L
120° square wave conducting normal mode
16
L
L
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
17
H
H
L
L
L
L
H
H
L
L
L
L
18
L
H
H
L
L
L
L
H
H
L
L
L
19
H
L
H
L
L
L
H
L
H
L
L
L
20
L
L
L
H
H
L
L
L
L
H
H
L
21
L
L
L
L
H
H
L
L
L
L
H
H
22
L
L
L
H
L
H
L
L
L
H
L
H
23
H
H
L
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
24
H
H
L
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
25
H
H
L
L
L
H
H
H
L
L
L
H
26
L
H
H
H
L
L
L
H
H
H
L
L
27
L
H
H
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
28
L
H
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
29
H
L
H
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
30
H
L
H
L
H
L
H
L
H
L
H
L
*:
High-side/low-side arm shorting mode is disabled by the internal logic. (FAULT is kept low.) When
undervoltage (6 V typ.) is detected, all outputs are pulled low regardless of input signals. At this time, FAULT
output goes high (open-drain, high-impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com