Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD7203F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD7203F Datasheet HTML 4Page - Toshiba Semiconductor TPD7203F Datasheet HTML 5Page - Toshiba Semiconductor TPD7203F Datasheet HTML 6Page - Toshiba Semiconductor TPD7203F Datasheet HTML 7Page - Toshiba Semiconductor TPD7203F Datasheet HTML 8Page - Toshiba Semiconductor TPD7203F Datasheet HTML 9Page - Toshiba Semiconductor TPD7203F Datasheet HTML 10Page - Toshiba Semiconductor TPD7203F Datasheet HTML 11Page - Toshiba Semiconductor TPD7203F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TPD7203F
2006-10-31
8
Characteristic
Symbol
Test
Circuit
Condition
Min
Typ.
Max
Unit
Remarks
Detection
VSD (L)
5.5
6
6.5
Low-
voltage
protection
Hysteresis
∆VSD (L)
3
⎯
⎯
0.5
⎯
V
Low voltage detection
voltage and hysteresis
(VDD voltage detected)
Turn-on
delay
time
td (ON)
⎯
⎯
4
Turn-on
time
tON
⎯
⎯
6
Turn-off
delay
time
td (OFF)
⎯
⎯
4
Switching
time
Turn-off
time
tOFF
4
VDD = 7 to 18 V,
COUT = 0.047μF,
RG = 47Ω
⎯
⎯
6
μs
UU, VU, WU, UB, VB
and WB switching
time
Oscillating frequency
fosc
2
VDD = 7 ~ 18 V,
ROSC = 100 kΩ,
COSC = 1500 pF
⎯
20
⎯
kHz
fOSC calculation formula
fOSC ≈ 3 / {COSC (ROSC
+ 2 k)} (Hz)
Fault pin voltage
VFAULT
2
IFAULT = 1 mA
⎯
⎯
0.8
V
FAULT pin low-level
voltage (open - drain)
tON
⎯
1
⎯
Fault delay time
tOFF
3
RFAULT = 5.1 kΩ,
VFAULT = 5 V
(External power
supply)
⎯
1
⎯
μs
Time from low
voltage / overvoltage
detection or
restoration to FAULT
output inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com