Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD7203F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD7203F Datasheet HTML 1Page - Toshiba Semiconductor TPD7203F Datasheet HTML 2Page - Toshiba Semiconductor TPD7203F Datasheet HTML 3Page - Toshiba Semiconductor TPD7203F Datasheet HTML 4Page - Toshiba Semiconductor TPD7203F Datasheet HTML 5Page - Toshiba Semiconductor TPD7203F Datasheet HTML 6Page - Toshiba Semiconductor TPD7203F Datasheet HTML 7Page - Toshiba Semiconductor TPD7203F Datasheet HTML 8Page - Toshiba Semiconductor TPD7203F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPD7203F
2006-10-31
5
Input
Output
Mode
No.
In1
(UU)
In2
(VU)
In3
(WU)
In4
(UB)
In5
(VB)
In6
(WB)
Out
UU
Out
VU
Out
WU
Out
UB
Out
VB
Out
WB
Remarks
31
H
L
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
32
H
L
L
H
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
33
H
L
L
L
H
H
H
L
L
L
H
H
34
H
L
L
H
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
35
L
H
L
H
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
36
L
H
L
L
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
37
L
H
L
H
L
H
L
H
L
H
L
H
38
L
L
H
H
H
L
L
L
H
H
H
L
39
L
L
H
L
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
40
L
L
H
H
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
41
H
H
H
L
L
L
H
H
H
L
L
L
42
L
L
L
H
H
H
L
L
L
H
H
H
43
H
H
L
H
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
44
H
H
L
L
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
45
H
H
L
H
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
46
L
H
H
H
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
47
L
H
H
L
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
48
L
H
H
H
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
49
H
L
H
H
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
50
H
L
H
L
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
51
H
L
H
H
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
53
H
H
H
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
54
H
H
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
55
H
L
L
H
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
56
L
H
L
H
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
57
L
L
H
H
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
58
H
H
H
H
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
59
H
H
H
L
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
60
H
H
H
H
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
61
H
H
L
H
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
62
L
H
H
H
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
63
H
L
H
H
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
64
H
H
H
H
H
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
*:
High-side/low-side arm shorting mode is disabled by the internal logic. (FAULT is kept low.) When
undervoltage (6 V typ.) is detected, all outputs are pulled low regardless of input signals. At this time, FAULT
output goes high (open-drain, high-impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com