Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3113AS Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3113AS
Description  PWM Control 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3113AS Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3113AS Datasheet HTML 1Page - AXElite technology co. ltd AX3113AS Datasheet HTML 2Page - AXElite technology co. ltd AX3113AS Datasheet HTML 3Page - AXElite technology co. ltd AX3113AS Datasheet HTML 4Page - AXElite technology co. ltd AX3113AS Datasheet HTML 5Page - AXElite technology co. ltd AX3113AS Datasheet HTML 6Page - AXElite technology co. ltd AX3113AS Datasheet HTML 7Page - AXElite technology co. ltd AX3113AS Datasheet HTML 8Page - AXElite technology co. ltd AX3113AS Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3113A
APPLICATION CIRCUIT
C2
470uF
C4
470uF
1
2
L1
33uH
R1
6.8K
R2
1.3K
VIN+12V
ON/OFF
VOUT = 5V/2A
R4
100K
D1
B340
C8
0.1uF
FB
EN
NC
VCC
SW
SW
VSS
VSS
AX3113A
C3
0.1uF
C6
0.1uF
R1
R2
VFB = 0.8V ; R2 suggest 0.8K ~ 6k
VOUT = VFB x (1 +
)
L1 recommend value (VIN=12V ,IOUT=2A)
VOUT
1.8 V
2.5V
3.3V
5V
L1 Value
18uH
22uH
27uH
33uH
FUNCTION DESCRIPTIONS
PWM Control
The AX3113A consists of DC/DC converters that employ a pulse-width modulation
(PWM) system. In converters of the AX3113A, the pulse width varies in a range from 0 to
100%, according to the load current. The ripple voltage produced by the switching can
easily be removed through a filter because the switching frequency remains constant.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage
and load current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com