Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3113AS Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3113AS
Description  PWM Control 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3113AS Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3113AS Datasheet HTML 1Page - AXElite technology co. ltd AX3113AS Datasheet HTML 2Page - AXElite technology co. ltd AX3113AS Datasheet HTML 3Page - AXElite technology co. ltd AX3113AS Datasheet HTML 4Page - AXElite technology co. ltd AX3113AS Datasheet HTML 5Page - AXElite technology co. ltd AX3113AS Datasheet HTML 6Page - AXElite technology co. ltd AX3113AS Datasheet HTML 7Page - AXElite technology co. ltd AX3113AS Datasheet HTML 8Page - AXElite technology co. ltd AX3113AS Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3113A
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output
version. The external resistor sets the output voltage according to the following equation:
 
2
1
1
8
.
0
R
R
V
V
OUT
Table 1 Resistor select for output voltage setting
VOUT
R2
R1
5V
1.3K
6.8K
3.3V
1.5K
4.7K
2.5V
2.2K
4.7K
1.8V
2K
2.5K
1.5V
2.2K
2.0K
1.2V
3K
1.5K
1.0V
3K
0.75K
Inductor Selection
For most designs, the operates with inductors of 15µH to 33µH. The inductor value
can be derived from the following equation:
f
I
V
V
V
V
L
OSC
L
IN
OUT
IN
OUT
Where is inductor Ripple Current. Large value inductors lower ripple current and small value
inductors result in high ripple currents. Choose inductor ripple current approximately 15% of the
maximum load current 2A, ΔIL=0.3A. The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple current to prevent core saturation
(2A+0.15A).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com