Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3113AS Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX3113AS
Description  PWM Control 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3113AS Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX3113AS Datasheet HTML 2Page - AXElite technology co. ltd AX3113AS Datasheet HTML 3Page - AXElite technology co. ltd AX3113AS Datasheet HTML 4Page - AXElite technology co. ltd AX3113AS Datasheet HTML 5Page - AXElite technology co. ltd AX3113AS Datasheet HTML 6Page - AXElite technology co. ltd AX3113AS Datasheet HTML 7Page - AXElite technology co. ltd AX3113AS Datasheet HTML 8Page - AXElite technology co. ltd AX3113AS Datasheet HTML 9Page - AXElite technology co. ltd AX3113AS Datasheet HTML 10Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3113A
TYPICAL CHARACTERISTICS (CONTINUES)
VIN VS. RDS (ON)
0
50
100
150
200
250
5
7
10
12
15
18
20
23
VIN (V)
IOUT VS. VFB
0.76
0.78
0.8
0.82
0.84
0
10 100 300 500 800 1000 1500 2000
IOUT (mA)
VIN=12V
IOUT VS. Frequrncy
260
280
300
320
340
360
380
400
100
300
500
800
1000 1500 2000
IOUT (mA)
VIN=12V
VFB VS. Temperature
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
-40°C -20°C 0°C
25°C 50°C 85°C 105°C 125°C
Temperature
VIN=12V
Temperature VS. Frequency
260
280
300
320
340
360
380
400
-40°C -20°C 0°C
25°C 50°C 85°C 105°C 125°C
Temperature
Temperature VS. RDS(ON)
50
70
90
110
130
150
-40°C -20°C
0°C
25°C 50°C 85°C 105°C 125°C
Temprtature
VIN=12V, IOUT=1A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com