Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3116ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3116ESA
Description  PWM Control 5A Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3116ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3116ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3116
APPLICATION CIRCUIT
C2
470uF
C4
470uF
1
2
L1
15uH
R5
4.7K
R6
1.5K
VIN+12V
VOUT = 3.3V/5A
D1
B540A
C5
0.1uF
FB
3
EN
2
VCC
1
PVCC
7
5
SW
8
VSS
6
4
AX3116
C3
0.1uF
C6
10nF
SS
OCSET
C7
R3
4R7
R1
100K
47nF
R2
2K
C1
0.1uF
C2
470uF
C4
470uF
1
2
L1
10uH
R5
2.5K
R6
2K
VIN+5V
VOUT = 1.8V/5A
D1
B540A
C5
0.1uF
FB
3
EN
2
VCC
1
PVCC
7
5
SW
8
VSS
6
4
AX3116
R5
R6
VFB = 0.8V ; R4 suggest 0.8K ~ 4k
VOUT = VFB x (1 +
)
C3
0.1uF
C6
10nF
SS
OCSET
C7
R3
4R7
R1
100K
0.1uF
R2
3.75K
C1
0.1uF
L1 recommend value (VIN=12V ,IOUT=5A)
VOUT
1.8 V
2.5V
3.3V
5V
L1
10uH
10uH
15uH
15uH
FUNCTION DESCRIPTIONS
PWM Control
The AX3116 consists of DC/DC converters that employ a pulse-width modulation (PWM)
system. In converters of the AX3116, the pulse width varies in a range from 0 to 100%,
according to the load current. The ripple voltage produced by the switching can easily be
removed through a filter because the switching frequency remains constant. Therefore, these
converters provide a low-ripple power over broad ranges of input voltage and load current.
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output
version. The external resistor sets the output voltage according to the following equation:
 
6
5
1
0.8
R
R
V
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com