Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3116ESA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3116ESA
Description  PWM Control 5A Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3116ESA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3116ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3116
PWM Control 5A Step-Down Converter
GENERAL DESCRIPTION
AX3116 consists of step-down switching regulator with PWM control. These devise
include a reference voltage source, oscillation circuit, error amplifier, internal PMOS and etc.
AX3116 provides low-ripple power, high efficiency, and excellent transient characteristics.
The PWM control circuit is able to the duty ratio linearly form 0 up to 100%. An enable
function, an over current protect function and short circuit protect function are built inside,
and when OCP or SCP happens, the operation frequency will be reduced. Also, an internal
compensation block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode
connected externally, these ICs can function as step-down switching regulators. They serve
as ideal power supply units for portable devices when coupled with the SOP-8L-EP package,
providing such outstanding features as low current consumption. Since this converter can
accommodate an input voltage up to 23V, it is also suitable for the operation via an AC
adapter.
FEATURES
-
Input voltage:4.5V to 23V
-
Output voltage:0.8V to VCC
-
Duty ratio:0% to 100% PWM control
-
Oscillation frequency:330KHz typ.
-
Current Limit (CL), Enable function.
-
External Soft-Start function.
-
Thermal Shutdown function.
-
Short Circuit Protect (SCP).
-
Built-in internal SW P-channel MOS.
-
SOP-8L with Exposed Pad Pb-Free package.
-
RoHS and Halogen free compliance.


Similar Part No. - AX3116ESA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3111 AXELITE-AX3111 Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
AX3111A AXELITE-AX3111A Datasheet
708Kb / 12P
PWM Control 2A Step Down Converter
Rev.1.9 Oct.09, 2019
AX3111AES AXELITE-AX3111AES Datasheet
708Kb / 12P
PWM Control 2A Step Down Converter
Rev.1.9 Oct.09, 2019
AX3111AESA AXELITE-AX3111AESA Datasheet
708Kb / 12P
PWM Control 2A Step Down Converter
Rev.1.9 Oct.09, 2019
AX3111ES AXELITE-AX3111ES Datasheet
805Kb / 13P
PWM Control 3A Step Down Converter
Rev.2.3 Oct.09, 2019
More results

Similar Description - AX3116ESA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1511 ANACHIP-AP1511 Datasheet
177Kb / 5P
PWM Control 5A Step-Down Converter
Rev. 1.1 Mar 4, 2005
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1511 DIODES-AP1511 Datasheet
499Kb / 7P
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com