Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3116ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3116ESA
Description  PWM Control 5A Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3116ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3116ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3116ESA Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3116
Table 1 Resistor select for output voltage setting
VOUT
R6
R5
5V
1.3K
6.8K
3.3V
1.5K
4.7K
2.5V
2.2K
4.7K
1.8V
2K
2.5K
1.5V
2.2K
2.0K
1.2V
3K
1.5K
1.0V
3K
0.75K
RDS (ON) Current Limiting
The current limit threshold is setting by the external resistor (R2) connecting from VCC
supply to OCSET pin. The internal 110uA sink current crossing the resistor sets the voltage at
pin of OCSET. When the PWM voltage is less than the voltage at OCSET, an over-current
condition is triggered. Please refer to the formula for setting the current limit value:
R
I
I
DS(ON)
OCSET
SW(MIN)
05
0
R2
.
(Normally, The ISW(MAX) setting more than IOUT 1.0A .)
Example:
ISW = (110u x 2K + 0.05)/ 45m= 6.67A (VIN=12V)
ISW = (110u x 3.75K + 0.05)/ 70m= 6.6A (VIN=5V)
Inductor Selection
For most designs, the operating inductor range is 10µH to 15µH. The inductor value
can be derived from the following equation:
f
I
V
V
V
V
L
OSC
L
IN
OUT
IN
OUT
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
15% of the maximum load current 5A, ΔIL=0.75A. The DC current rating of the inductor
should be at least equal to the maximum load current plus half the ripple current to prevent
core saturation (5A+0.38A)
(TA=25°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com