Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R006 Datasheet(PDF) 3 Page - Kontron

Part # F5000-R006
Description  Intel® Q670E Chipset and Intel® Core™ processors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R006 Datasheet(HTML) 3 Page - Kontron

  F5000-R006 Datasheet HTML 1Page - Kontron F5000-R006 Datasheet HTML 2Page - Kontron F5000-R006 Datasheet HTML 3Page - Kontron F5000-R006 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.kontron.com
K3833-Q mITX
Technical Information
Power Supply Requirements
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS modified and adapted by Kontron;
Recovery BIOS, SM-BIOS (DMI), BIOS and CPU Microcode Update, Quick Boot,
Logo Boot, Quiet Boot, Plug & Play, Automatic DRAM and PCIe Configuration,
BIOS Support for S.M.A.R.T., Advanced Power Management, ACPI S3/S4, Wake
on time from S5.
No legacy OS support, no MBR installation (UEFI only)
BIOS POST-/BIOS BOOT-/OS-HW Watchdog
Integrated
TPM V2.0 (Intel® integrated)
SYSTEM CONTROL
FP HEADER
SECURITY
1x Header for Reset button, HDD LED & External Speaker, Power button, Power
LED
Recovery BIOS, System and BIOS Password, Boot Sequence Control,
Serial/USB- Port Access Protection, Write Protection for Flash BIOS, EraseDisk
(BIOS Feature),
Trusted Platform Module (TPM)
SOFTWARE
OS SUPPORT
MS Windows® 10, MS Windows® 10 IoT (LTSC), MS Windows® 11,
MS Windows® 11 IoT (LTSC), Linux 64
No legacy OS support, no MBR installation (UEFI only)
MECHANICAL
DIMENSIONS (L X W)
Mini-ITX: 6.7“ x 6.7“ (170 x 170 mm)
ENVIRONMENTAL
OPERATION TEMPERATURE
0 °C - 60 °C
CERTIFICATION
EMC & SAFETY
cTÜVus acc. IEC62368-1, CE Class B incl. Industrial Immunity, UKCA, FCC-B verified
SOURCE
VOLTAGE
MIN. PS LOAD
MAX. VOLTAGE
TOLERANCE
MOTHERBOARD
CAPACITIVE LOAD
MOTHERBOARD MAX.
CURRENT (continous)*
Main Power Supply
+ 12 V
0 A
± 5 %
1.800 µF
< 10 A
- 12 V
n.a.
n.a.
-
-
+ 5 V
0 A
± 5 %
1.600 µF
5 A
+ 3.3 V
0 A
± 5 %
500 µF
0.5 A
Aux
+ 5 Vaux
0 A
± 5 %
1.600 µF
2 A
*) Max. motherboard input current incl. processor and DRAM memory. Additional power for drives, USB devices, PCIe cards, eDP etc. is not included!
Note: BIOS provides option to reduce CPU TDP/Turbo power in order to use PSU with limited loadabilty.
Processor 65 W TDP: Max. Cont. Current < 10 A; max. Surge Current = 24 A (full Turbo Mode)
Processor 35 W TDP: Max. Cont. Current < 5 A; max. Surge Current = 12 A (full Turbo Mode)
Connector/Socket Diagram
INTERNAL USE ONLY
INTERNAL USE ONLY
K3833-Q Mini-ITX (31.01.23)
ATX PSU-24pin
Q670E
PCH with
heatsink
2 x SATA III
PCIe x16 Gen5 (16 lanes)
2 x DDR5-
4800 SO
Fan CPU
170 mm
170 mm
SP/DIF
GPIO
Battery
Socket
LGA1700
max. 65W TDP
Fan 2
M.2-
2230
Key-E
Intrusion
M.2-
2242
Key-M
PCIe
Gen4
„CPU“
8-layer PCB
COM1
Buzzer
Rear I/O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com