Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R006 Datasheet(PDF) 2 Page - Kontron

Part # F5000-R006
Description  Intel® Q670E Chipset and Intel® Core™ processors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R006 Datasheet(HTML) 2 Page - Kontron

  F5000-R006 Datasheet HTML 1Page - Kontron F5000-R006 Datasheet HTML 2Page - Kontron F5000-R006 Datasheet HTML 3Page - Kontron F5000-R006 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
K3833-Q mITX
Product Highlights
K3833-Q mITX Industrial Series
* Intel® Core™ processors (12th/13th/14th Gen)
* DDR5-4800/5600 SODIMM, max. 96 GByte
* cTDP – Easy & flexible reduction of CPU TDP
* Supporting Intel® iAMT features and
Intel® Time Coordinated Computing (TCC)
* PCI Express® x16 (Gen5 prepared)
* 1x Intel® GbE LAN, 1x 2.5GbE incl. Teaming and TSN
* Intel® UHD Graphics 7xx driven by Xe Architecture;
4x DisplayPort V1.4a up to 8K; 1x eDP V1.4b @4K
* Intel® High Definition 5.1 Audio; Intel® integrated TPM V2.0
* 8 Bit GPIO; 1x COM port
* 4x USB 3.2 Gen 2, 4x USB 3.2 Gen1, 2x USB 2.0
* 2x SATA 6G incl. RAID support
* 1x M.2 2242 (Key-M, PCIe/NVME SSD modules)
* M.2 2230 (Key-E, WLAN/Bluetooth modules,
incl. CNVi support)
* BIOS-POST/-Boot & OS – HW Watchdog onboard
The Industrial Motherboard K3833-Q mITX is equipped with the
highly performant Intel® Q670E Chipset. It also offers a multitude
of supporting processors such as the Intel® Core™ i9/i7/i5/i3
processor (12th/13th/14th Gen) and the Intel® Pentium®/
Intel® Celeron® processor series. The motherboard impresses
with iAMT-based out-of-band management features, TSN and
real-timesupport (TCC) for specific industrial applications, and
support for the latest standards, such as PCI Express® Gen5
and DDR5 memory technology. Designed and approved for 24/7
continuous operation and an enhanced temperature range up to
60 °C the K3833-Q mITX fits perfectly with special requirements
of certain markets.
Technical Information
LAN2
2.5 GbE
LAN1/iAMT
1 GbE
Space for optional
COM cable
USB 3.2
Gen2
USB-C 3.2
Gen2
USB 3.2
Gen2
USB 3.2
Gen1
USB 2.0
Audio
DPP2
DPP4
DPP1
DPP3
SYSTEM
PROCESSOR
CHIPSET
MEMORY
Intel® Core™ processors (12th/13th/14th Gen)
Intel® Pentium®/Intel® Celeron® processor series
Socket LGA1700, max. 65 W TDP
(For details on supported processors please refer to Kontron FTP Server)
Intel® Q670E Chipset
2 SODIMM Sockets DDR5-4800/5600*, max. 96 GByte, Dual Channel
unbuffered non-ECC.
VIDEO
GRAPHICS
Intel® UHD Graphics 7xx (depends on installed processor),
4x DisplayPort V1.4a up to 8K; 1x eDP V1.4b @4K
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Tempo Semiconductor 92HD91B
5.1- channel**, High Definition Audio Codec
NETWORK CONNECTION
ETHERNET 1
ETHERNET 2
Intel® i219LM with 10/100/1000 MBit/s, iAMT features,
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
Intel® i226LM with 10/100/1000/2500 MBit/s, TSN Support, Wake-on-LAN
(WoL) by interesting Packets, Link Status Change and Magic Packet™, PXE
Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/OS
3x USB 3.2 Gen 2 (rear I/O, Type-A), 1x USB 3.2 Gen 2
(rear I/O, Type-C with locking option), 2x USB 3.2 Gen1 (rear I/O, Type-A),
2x USB 2.0 (rear I/O, Type-A), 2x USB 3.2 Gen1 (by header)
1x (by header)***
1x 8-Bit GPIO
STORAGE & EXPANSION
SATA
M.2 PCIe/NVME
M.2 WIRELESS
PCIe/PCI SLOTS
GPIO
2x Serial ATA III 600 Interface (up to 6GBit/s), NCQ, AHCI, RAID 0/1
1x M.2 2242 (Key-M, PCIe/NVME SSD modules)
1x M.2 2230 ((Key-E, WLAN/Bluetooth modules, incl. CNVi support)
PCIe x16: 1x 16 lanes, Gen5****
8 Bit GPIO (Input/Output); WLAN LED support, WLAN enable/disable support
3.3 V/5 V/12 V supply voltage output; SMBus controller PCA9554A
POWER
CONNECTOR INPUT VOLTAGE
ATX (Multirail) plus 4-pin socket (12 V for CPU)
*) Support for DDR5-5600 with BIOS ≥ R2.13.0. Requires at least appropriate Intel® Core™ processor (13th/14th gen)
**) 5.1 surround sound is possible via digital output ports like S/PDIF or DisplayPort
***) Requires extension cable with integrated COM transceiver (signal level converter) e.g. F5000-K011
****) PCIe x16 (PEG) slot: Gen5 ready; Support for lane split (x16 or x8+x8)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com