Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5000-R006 Datasheet(PDF) 4 Page - Kontron

Part # F5000-R006
Description  Intel® Q670E Chipset and Intel® Core™ processors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

F5000-R006 Datasheet(HTML) 4 Page - Kontron

  F5000-R006 Datasheet HTML 1Page - Kontron F5000-R006 Datasheet HTML 2Page - Kontron F5000-R006 Datasheet HTML 3Page - Kontron F5000-R006 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
K3833-Q mITX
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Ordering Information
Accessories
ARTICLE
PART NO.
DESCRIPTION
K3833-Q mITX
F5120-V196
Intel® Core™ processors (12th/13th/14th Gen), Intel® Q670E Chipset
RISERCARD
F5000-R006
1x PCIe x4 (D3318-A)
COM1 EXTENSION CABLE
F5000-K011
Cable with integrated COM transceiver; length = 75 mm
M.2 KEY-E/A SATA ADDON
F5000-M004
AddOn for M.2 Key-E/A slot to provide two SATA 6G ports
Kit contains 40 x adapter K1201-A
SLIM HEATSINK LGA1700 65W
F5000-C030
Box contains 40x cooler plus 40x backplate
Technical Details
FEATURES
Board Size / Chipset
VGA* / DVI / DPP / LVDS / eDP
Stereo Audio / 5.1 Multichannel Audio / Front Panel Audio
Buzzer / int. Speaker Support (mono)
GbE LAN / 2.5GbE LAN / Dual 2.5GbE LAN
WoL / LAN Boot / Teaming / TSN
Intel® Standard Manageability / iAMT / vPro
SATA / SATA RAID / M.2 SSD (NVME) / NVME RAID
USB 2.0 / USB 3.2 Gen1 / USB 3.2 Gen2 / USB 3.2 Type-C
FAN controlled & monitored / CPU / AUX1 / AUX2 / AUX3
TEMP monitored CPU / Onboard Sensors / External Sensor
Mini-ITX / Q670E
- / - / + / - / +
- / + / -
+ / +
+ / + / -
+ / + / + / +
+ / + / -
+ / + / + / -
+ / + / + / +
+ / + / - / -
+ / + / -
SPECIAL FEATURES
Silent Fan / System Guard / cTDP
Recovery BIOS / Flash Update / Multi Boot
HDD Password / EraseDisk / TPM V2.0
BIOS POST Watchdog / BIOS Boot Watchdog / OS HW Watchdog
Logo Boot Option
High Efficiency Core Voltage Regulator Design
Operating Mode 24-7 / 8-5 (hrs per day - days per week)
Motherboard operating temperature range (chassis inside)**
+ / + / +
+ / + / +
+ / + / +
+ / + / +
+
+
+ / -
0 °C – 60 °C
INTERNAL CONNECTORS
SODIMM Sockets (DDR5-4800/5600) / ECC-Support
PCI Express® x16: 16 lanes - Gen5
SATA-600 / M.2 Key-M (NVME SSD) / M.2 Key-B
M.2 2230 (Key-E, PCIe & USB2.0 for WLAN/Bluetooth)
S/PDIF (digital Audio) OUT / IN
Front Panel Audio (9-Pin, HD Audio)
USB 2.0 / USB 3.2 (Gen1) / USB 2.0 Stick / USB 3.2 (Gen2) Stick***
Fan CPU / AUX1 / AUX2 / AUX3
Intrusion (Case Open) / GPIO (8Bit) / SM-Bus (Case Temp.)
Serial Port Header (COM, RS-232)**** / Parallel Port Header / PS2 Header
Front Panel (Power Switch, Reset Switch, LEDs, Intel 10 pin compatible)
Multirail PSU (24 pin + 4 pin) / Single 12 V PSU
2 / -
1
2 / 1 / -
1
1 / -
-
0 / 1 / 0 / 0
1 / 1 / - / -
1 / 1 / -
1 / - / -
1
+ / -
EXTERNAL CONNECTORS
VGA Sub D* / DVI-I / DVI-D / DisplayPort V1.4a
Audio Mic. In / Line in / Line out (or driver configuration)
LAN (RJ-45)
PS/2 Mouse / Keyboard
USB 2.0 / USB 3.2 (Gen1) / USB 3.2 (Gen2)
Serial (COM1, RS-232)
Parallel (EPP/ECP)
- / - / - / 4
- / 1 / 1
2
- / -
2 / 2 / 4
1 *****
-
*) VGA possible via DP-VGA-converter (dongle)
**) Forced cooling required, see technical documentation for details
***) Each internal USB connector (pin header) provides two USB ports (except for USB stick socket)
****) Requires extension cable with integrated COM transceiver (signal level converter) e.g. F5000-K011
*****) COM1: Connector within rear I/O area with COM cable F5000-K011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com