Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3851-R-ATX Datasheet(PDF) 3 Page - Kontron

Part # K3851-R-ATX
Description  Intel® R680E Chipset and Intel® Core™ processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3851-R-ATX Datasheet(HTML) 3 Page - Kontron

  K3851-R-ATX Datasheet HTML 1Page - Kontron K3851-R-ATX Datasheet HTML 2Page - Kontron K3851-R-ATX Datasheet HTML 3Page - Kontron K3851-R-ATX Datasheet HTML 4Page - Kontron K3851-R-ATX Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.kontron.com
K3851-R ATX
Technical Information
Power Supply Requirements
SOURCE
VOLTAGE
MIN. PS LOAD
MAX. VOLTAGE
TOLERANCE
MOTHERBOARD
CAPACITIVE LOAD
MOTHERBOARD MAX.
CURRENT (continous)*
Main Power Supply
+ 12 V
0 A
± 5 %
2.500 µF
15 A
- 12 V
n.a.
n.a.
-
-
+ 5 V
0 A
± 5 %
1.900 µF
6.0 A
+ 3.3 V
0 A
± 5 %
1.100 µF
0.5 A
Aux
+ 5 Vaux
0 A
± 5 %
1.900 µF
2.5 A
*) Max. motherboard input current incl. processor and DRAM memory. Additional power for drives, USB devices, PCIe cards etc. is not included! Note: BIOS provides option to reduce CPU TDP/Turbo power in order
to use PSU with limited loadabilty.
Processor 125 W TDP: Max. Cont. Current < 15 A; max. Surge Current = 30 A (full Turbo Mode)
Processor 65 W TDP: Max. Cont. Current < 8 A; max. Surge Current = 26 A (full Turbo Mode)
Processor 35 W TDP: Max. Cont. Current < 5 A; max. Surge Current = 13 A (full Turbo Mode)
STORAGE & EXPANSION
SATA
M.2 PCIe/NVME
M.2 WIRELESS
PCIe/PCI SLOTS
GPIO
4x Serial ATA III 600 Interface (up to 6GBit/s), NCQ, AHCI, RAID 0/1/5/10
2x M.2 2230/2242/2280 (Key-M, PCIe/NVME SSD modules), incl. NVME RAID
support
1x M.2 2230 (Key-E, WLAN/Bluetooth modules, incl. CNVi support)
PCIe x16: 1x 16 lanes, Gen5* / 1x 4 lanes, Gen4
PCIe x8: 1x 4 lanes, Gen4 ("open slot") / 1x 4 lanes, Gen3 ("closed slot")
PCIe x1: 2x Gen3 ("open slots")
PCI: 1x 32Bit slot
8 Bit GPIO (Input/Output); WLAN LED support, WLAN enable/disable support
3.3 V/5 V/12 V supply voltage output; SMBus controller PCA9554A
POWER
CONNECTOR INPUT VOLTAGE
ATX (Multirail) plus 8-pin socket (12 V for CPU)
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS modified and adapted by Kontron;
Recovery BIOS, SMBIOS (DMI), BIOS and CPU Microcode Update, Quick Boot,
Logo Boot, Quiet Boot, Plug & Play, Automatic DRAM and PCIe Configuration,
BIOS Support for S.M.A.R.T., Advanced Power Management, ACPI S3/S4, Wake
on time from S5.
No legacy OS support, no MBR installation (UEFI only)
BIOS POST-/BIOS BOOT-/OS-HW Watchdog
Integrated
TPM V2.0 (Intel® integrated); socket for optional TPM module
SYSTEM CONTROL
FP HEADER
SECURITY
1x Header for Reset button, HDD LED & External Speaker, Power button, Power
LED
Recovery BIOS, System and BIOS Password, Boot Sequence Control,
Serial/USB- Port Access Protection, Write Protection for Flash BIOS, EraseDisk
(BIOS Feature),
Trusted Platform Module (TPM)
SOFTWARE
OS SUPPORT
MS Windows® 10, MS Windows® 10 IoT, MS Windows® 11, MS Windows® 11 IoT,
Linux 64
No legacy OS support, no MBR installation (UEFI only)
MECHANICAL
DIMENSIONS (L x W)
ATX: 9.6“ x 12“ (243.8 x 304.8 mm)
ENVIRONMENTAL
OPERATION TEMPERATURE
0 °C - 60 °C
CERTIFICATION
EMC & SAFETY
cTÜVus acc. IEC62368-1, CE Class B incl. Industrial Immunity, UKCA,
FCC-B verified
*) PCIe x16 (PEG) slot: Gen5 ready; Support for lane split (x16 or x8+x8)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com