Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3851-R-ATX Datasheet(PDF) 4 Page - Kontron

Part # K3851-R-ATX
Description  Intel® R680E Chipset and Intel® Core™ processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3851-R-ATX Datasheet(HTML) 4 Page - Kontron

  K3851-R-ATX Datasheet HTML 1Page - Kontron K3851-R-ATX Datasheet HTML 2Page - Kontron K3851-R-ATX Datasheet HTML 3Page - Kontron K3851-R-ATX Datasheet HTML 4Page - Kontron K3851-R-ATX Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.kontron.com
K3851-R ATX
Connector/Socket Diagram
Technical Details
FEATURES
Board Size / Chipset
VGA* / DVI / DPP / LVDS / eDP
Stereo Audio / 5.1 Multichannel Audio / Front Panel Audio
Buzzer / int. Speaker Support (mono)
GbE LAN / 2.5GbE LAN / Dual 2.5GbE LAN
WoL / LAN Boot / Teaming / TSN
Intel® Standard Manageability / iAMT / vPro
SATA / SATA RAID / M.2 SSD (NVME) / NVME RAID
USB 2.0 / USB 3.2 Gen1 / USB 3.2 Gen2 / USB 3.2 Type-C
FAN controlled & monitored / CPU / AUX1 / AUX2 / AUX3
TEMP monitored CPU / Onboard Sensors / External Sensor
ATX / R680E
- / - / + / - / -
- / + / +
+ / +
+ / + / +
+ / + / + / +
+ / + / -
+ / + / + / +
+ / + / + / +
+ / + / + / +
+ / + / -
SPECIAL FEATURES
Silent Fan / System Guard / cTDP
Recovery BIOS / Flash Update / Multi Boot
HDD Password / EraseDisk / TPM V2.0
BIOS POST Watchdog / BIOS Boot Watchdog / OS HW Watchdog
Logo Boot Option
High Efficiency Core Voltage Regulator Design
Operating Mode 24-7 / 8-5 (hrs per day - days per week)
Motherboard operating temperature range (chassis inside)***
+ / + / +
+ / + / +
+ / + / +
+ / + / +
+
+
+ / -
0 °C – 60 °C
INTERNAL CONNECTORS
DIMM Sockets (DDR5-4800) / ECC-Support
PCI Express® x16: 16lanes-Gen5 / PCI Express® x16: 4lanes-Gen4
PCIe x8 @4 lanes: Gen4-"open" / Gen3-"closed"
PCI Express® x1: Gen3-"open"
PCI Slots (32 Bit, 33 MHz, Rev. 2.3) / Mini-PCIe
SATA-600 / M.2 Key-M (NVME SSD) / M.2 Key-B
M.2 2230 (Key-E, PCIe & USB2.0 for WLAN/Bluetooth)
S/PDIF (digital Audio) OUT / IN
Front Panel Audio (9-Pin, HD Audio)
USB 2.0 / USB 3.2 (Gen1) / USB 2.0 Stick / USB 3.2 (Gen2) Stick****
Fan CPU / AUX1 / AUX2 / AUX3
Intrusion (Case Open) / GPIO (8Bit) / SM-Bus (Case Temp.)
Serial Port Header (COM, RS-232) / Parallel Port Header / PS2 Header**
Front Panel (Power Switch, Reset Switch, LEDs, Intel 10 pin compatible)
Multirail PSU (24 pin + 8 pin) / Single 12 V PSU
4 / +
1 / 1
1 / 1
2
1 / -
4 / 2 / -
1
1 / -
1
1 / 1 / 1 / 1
1 / 1 / 1 / 1
1 / 1 / -
3 / - / 1
1
+ / -
EXTERNAL CONNECTORS
VGA Sub D* / DVI-I / DVI-D / DisplayPort™ V1.4a
Audio Mic. In / Line in / Line out (or driver configuration)
LAN (RJ-45)
PS/2 Mouse / Keyboard**
USB 2.0 / USB 3.2 (Gen1) / USB 3.2 (Gen2)
Serial (COM1, RS-232)
Parallel (EPP/ECP)
- / - / - / 4
1 / 1 / 1
3
- / -
- / 4 / 3
1
-
*) VGA possible via DP-VGA-converter (dongle)
**) Internal PS/2 header available
***) Forced cooling required, see technical documentation for details
****) Each internal USB connector (pin header) provides two USB ports (except for USB stick socket)
INTERNAL USE ONLY
INTERNAL USE ONLY
K3851-R (13.07.22)
ATX
Power
Supply
#1 PCIe x16 Gen5 (16 lanes)
#3 PCIe x16 Gen4 (4 lanes)
#2 PCIe x1 Gen3
.
(open slot)
R680E
PCH incl.
heatsink
IO
4 x DDR5-
4800
4 x SATA III
USB
2.0
TPM
Socket
.
CPU Fan
Intrusion
Fan 2
Battery
Buzzer
243.8 mm
SCSI
LED
12V for CPU
(8-pin)
COM2
8 Bit
GPIO
M.2-
2230/
2242/
2280
Key-M
SSD
(PCIe
Gen4)
„PCH“
USB
3.2
Gen1
USB 2.0
Stick
USB
3.2 Gen2
Stick
#4 PCIe x8 Gen3 (4 lanes)
.
.
#7 PCI 32 Bit
PCI
Bridge
Socket
LGA1700
max. 125W
TDP
#5 PCIe x8 Gen4 (4 lanes)
(open slot)
#6 PCIe x1 Gen3
(open slot)
VRM Cooler
6-Layer PCB
Rev. 01
Front Audio SP/DIF PS/2
COM3 COM4 Front Panel Fan3
Fan4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com