Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3851-R-ATX Datasheet(PDF) 2 Page - Kontron

Part # K3851-R-ATX
Description  Intel® R680E Chipset and Intel® Core™ processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3851-R-ATX Datasheet(HTML) 2 Page - Kontron

  K3851-R-ATX Datasheet HTML 1Page - Kontron K3851-R-ATX Datasheet HTML 2Page - Kontron K3851-R-ATX Datasheet HTML 3Page - Kontron K3851-R-ATX Datasheet HTML 4Page - Kontron K3851-R-ATX Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.kontron.com
K3851-R ATX
Product Highlights
K3851-R ATX Industrial Series
* Intel® Core™ processors (12th/13th/14th Gen)
* DDR5 4800/5600 UDIMM, max. 192 GByte, ECC support
* cTDP – Easy & flexible reduction of CPU TDP
* Supporting Intel® iAMT features and
Intel® Time Coordinated Computing (TCC)
* PCI Express® x16 (Gen5 @ CPU prepared, Gen4 @ PCH)
* 1x Intel® GbE LAN, 2x 2.5GbE incl. Teaming and TSN
* Intel® UHD Graphics 7xx driven by X
e Architecture;
4x DisplayPort™ V1.4a up to 8K
* Intel® High Definition 5.1 Audio; Intel® integrated TPM V2.0
* 8 Bit GPIO; 4 x COM ports
* 3x USB 3.2 Gen 2, 6x USB 3.2 Gen1, 2x USB 2.0,
1x USB 3.2 Gen2 stick socket, 1x USB 2.0 stick socket
* 4x SATA 6G incl. RAID support
* 2x M.2 2230/2242/2280 (Key-M, PCIe/NVME SSD modules),
incl. NVME RAID support
* M.2 2230 (Key-E, WLAN/Bluetooth modules,
incl. CNVi support)
* PCI Slot (32 Bit)
* BIOS-POST/-Boot & OS – HW Watchdog onboard
The Industrial Motherboard K3851-R ATX is equipped with the
highly performant Intel® R680E Chipset. It also offers a multitude
of supporting processors such as the Intel® Core™ i9/i7/i5/i3
processor (12th/13th/14th Gen) and the Intel® Pentium®/Intel®
Celeron® processor series. Designed and approved for 24/7
continuous operation and an enhanced temperature range up to
60 °C the K3851-R ATX provides high functionality and fits per-
fect with special requirements of certain markets. It offers iAMT-
based Out-of-Band Management features. Besides, K3851-R
provides TSN and Realtime support (TCC) for specific industrial
applications.
Technical Information
LAN2
2.5 GbE
LAN3
2.5 GbE
COM1
RS232
LAN1/iAMT
1 GbE
USB 3.2
Gen1
USB 3.2
Gen1
USB 3.2
Gen2
USB-C 3.2
Gen2
Audio
DPP4
DPP2
DPP3
DPP1
SYSTEM
PROCESSOR
CHIPSET
MEMORY
Intel® Core™ processors (12th/13th/14th Gen)
Intel® Pentium®/Intel® Celeron® processor series
Socket LGA1700, max. 125 W TDP
(For details on supported processors please refer to Kontron FTP Server)
Intel® R680E Chipset
4 DIMM Sockets UDIMM DDR5-4800/5600***, max. 192 GByte
Dual Channel unbuffered, ECC support
Effective memory speed of DDR5 modules according Intel® specification:
1x DIMM per channel = max. DDR5-4400***
2x DIMM per channel (single rank) = max. DDR5-4000
2x DIMM per channel (dual rank) = max. DDR5-3600
VIDEO
GRAPHICS
Intel® UHD Graphics 7xx (depends on installed processor),
4x DPP V1.4a up to 8K
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Tempo Semiconductor 92HD91B
5.1- channel*, High Definition Audio Codec
NETWORK CONNECTION
ETHERNET 1
ETHERNET 2/ETHERNET 3
Intel® i219LM with 10/100/1000 MBit/s, iAMT features,
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
Intel® i226LM **** with 10/100/1000/2500 MBit/s, TSN Support, Wake-on-LAN
(WoL) by interesting Packets, Link Status Change and Magic Packet™, PXE
Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/Os
2x USB 3.2 Gen 2 (rear I/O, Type-A), 1x USB 3.2 Gen 2 (rear I/O, Type-C with
locking option), 4x USB 3.2 Gen1 (rear I/O, Type-A), 2x USB 3.2 Gen1
(by header), 2x USB 2.0 (by header), 1x USB 3.2 Gen2 (internal Type-A stick
socket), 1x USB 2.0 (internal Type-A stick socket)
1x RS232 (rear I/O), 3x RS232 (by header)**
1x 8-Bit GPIO
*) 5.1 surround sound is possible via digital output ports like S/PDIF or DisplayPort™
**) Internal ports (COM3/COM4):
***) Modules DDR5-4800/5600 can be installed, but the max. effective speed is limited to DDR5-4400 (Intel design limitation for 12th/13th/14th Gen processors @ 4 DIMM sockets)
****) Updated LAN controller i225LM to i226LM with K3851-R12 Rev. 0106, K3851-R23 or newer.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com