Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBOXA-151-RPL_EN Datasheet(PDF) 4 Page - Kontron

Part # KBOXA-151-RPL_EN
Description  Industrial Computer Platform for Control & Process Optimization
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KBOXA-151-RPL_EN Datasheet(HTML) 4 Page - Kontron

  KBOXA-151-RPL_EN Datasheet HTML 1Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 2Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 3Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 4Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.kontron.com
KBox A-151-RPL
Ordering Information
ARTICLE
PART NO.
DESCRIPTION
HOUSING
Box A-151-RL1
KBox A-151-RLA
KBox A-151-RPL Housing
KBox A-151-RPL with Automotive Battery
3.5”-SBC
u3c
i3c
i3i
i5c
i5i
i7c
i7i
Intel® CoreTM U300E (5C, 1.1/4.3 GHz)
Intel® CoreTM i3-1315UE (6C, 1.2/4.5 GHz)
Intel® CoreTM i3-1315URE (6C, 1.2/4.5 GHz)
Intel® CoreTM i5-1345UE (10C, 1.4/4.6 GHz)
Intel® CoreTM i5-1345URE (10C, 1.4/4.6 GHz)
Intel® CoreTM i7-1365UE (10C, 1.7/4.9 GHz)
Intel® CoreTM i7-1365URE (10C, 1.7/4.9 GHz)
MEMORY
-8
-16
-32
-64
8 GByte SODIMM DDR5
16 GByte SODIMM DDR5
32 GByte SODIMM DDR5
64 GByte SODIMM DDR5
M.2 #1 (KEY M)
-000
-128
-256
-512
-01T
Empty M.2
128 GByte M.2 NVME
256 GByte M.2 NVME
512 GByte M.2 NVME
1 TByte M.2 NVME
M.2 #2 (KEY B)
-0
-L
-5
Empty M.2
LTE/4G module for Europe
5G Module for Europe
M.2 #3 (KEY E)
-0
-W
-D
empty M.2
WI-FI 6 only (w/o LTE, Dual CAN, Ethercat or Dual LAN)
WI-FI 6 with additional M.2 (LTE, Dual CAN, Ethercat or Dual LAN)
EXPANSION SLOT
-0
-G
-R
-A
-I
-L
-C
-E
-D
-N
no Expansion
8x channel DIO/GPIO Module (via USB)
2x Additional RS232 (via USB to COM Adapter)
Audio Line-Out (via audio header)
Extension I/O Board with 2x LAN, 2x DP
Extension I/O Board with 4x LAN
Dual CAN (occupies M.2 #2, can’t be used together with LTE or 5G module)
EtherCAT via Hilscher (occupies M.2 #2, can’t be used together with
LTE or 5G module)
Dual LAN EGPL-G201(occupies M.2 #2, can’t be used together with LTE or
5G module)
Antenna break-outs (only needed if more than 3x antennas will be attached)
MOUNTING
-0
-1
-2
-3
-4
no DIN-Rail
DIN Rail Rear (Bookmount/vertical orientation)
DIN Rail on bottom plate (wiring up/down only)
Bookmount, via adapter plate
Rugged DIN Rail Rear (Bookmount/vertical orientation)
SOFTWARE
-00
-10
-10
-10
-11
-11
-11
-LI
no Software
Windows 10 IoT Ent. 2021 Entry for Celeron
Windows 10 IoT Ent. 2021 Value for Core i3/i5
Windows 10 IoT Ent. 2021 High-End for Core i7
Windows 11 IoT Ent. 2024 Entry for Celeron
Windows 11 IoT Ent. 2024 Value for Core i3/i5
Windows 11 IoT Ent. 2024 High-End for Core i7
Debian Linux



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com