Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBOXA-151-RPL_EN Datasheet(PDF) 5 Page - Kontron

Part # KBOXA-151-RPL_EN
Description  Industrial Computer Platform for Control & Process Optimization
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KBOXA-151-RPL_EN Datasheet(HTML) 5 Page - Kontron

  KBOXA-151-RPL_EN Datasheet HTML 1Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 2Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 3Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 4Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KBox A-151-RPL
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Accessories
ACCESSORIES
ORDERING CODE
DESCRIPTION
AC/DC ADAPTER
ER40-100012-01
AC-Adapter external 90 W/ 24 VDC
POWERCORD
840-0059
840-0115
840-0405
Powercord EU
Powercord UK
Powercord US
POWER CONNECTOR
EE04-100001-01
Phoenix connector 3pol. incl. Housing, without PSU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com