Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBOXA-151-RPL_EN Datasheet(PDF) 2 Page - Kontron

Part # KBOXA-151-RPL_EN
Description  Industrial Computer Platform for Control & Process Optimization
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KBOXA-151-RPL_EN Datasheet(HTML) 2 Page - Kontron

  KBOXA-151-RPL_EN Datasheet HTML 1Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 2Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 3Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 4Page - Kontron KBOXA-151-RPL_EN Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.kontron.com
KBox A-151-RPL
Technical Information
PROCESSOR
CPU
SPEED
BIOS
13th Gen Intel® Core™ i3-1315UE / i3-1315URE /
i5-1345UE / i5-1345URE / i7-1365UE / i7-1365URE or Intel® Processor U300E
Deca-Core up to 1.7 GHz / 4.9 GHz (Burst)
AMI® Aptio V5
MEMORY
TECHNOLOGY
MAX. CAPACITY
DDR5
Up to 96 GByte
GRAPHICS
GRAPHICS CORE
MAX. RESOLUTION
Intel® Iris® Xe Graphics or Intel® UHD Graphics
7680 x 4320 @ 60Hz
INTERFACES
GRAPHICS PORTS
USB
ETHERNET
SERIAL PORTS
BUTTONS/LED
2x DisplayPort
4x USB 3.2
2x 2.5 GbE
2x COM ports RS232
Power Button & LED, Standby LED
OPTIONAL INTERFACES
WIRELESS TECHNOLOGY
EXPANSION VIA I/O DOOR
Option for WI-FI 6 or LTE/5G
Option for Ethercat, Dual CAN, additional GbE and DisplayPort, COM ports,
8x GPIO/DIO or Audio
STORAGE
M.2 SSD
Up to 2 TByte NVME via M.2 Key M
EXPANSION SLOT
M.2
1x M.2 Key M 2280 socket, used for storage
1x M.2 Key E 2230 socket
1x M.2 Key B Type 2242/3042/3052/2280 socket
SOFTWARE SUPPORT
OPERATING SYSTEM
TOOLSET
Win10 IoT Enterprise, Win 11 IoT Enterprise, Linux Debian
KontronOS*
KontronGrid**
Kontron FabEagle®Connect***
MECHANICAL
CONSTRUCTION
MOUNTING
DIMENSIONS (W x H x D)
WEIGHT
Steel
DIN RAIL, Bookmount
180 x 70 x 123 mm (7.09” x 2.76” x 4.84”)
Approx. 2.0 kg (4.41 lbs)
ENVIRONMENTAL
COOLING
OPERATING TEMPERATURE
RELATIVE HUMIDITY
Fanless
Standard: 0 °C to +60 °C (32 °F to 140 °F)
Extended: -40 °C to +60 °C (-40 °F to 140 °F)
93 % @ 40 °C non-condensing
APPROVALS
CERTIFICATIONS
CE, UL 61010, CB, FCC, UKCA
*KontronOS: Hardened Linux®-based operating system for the reliable operation of customer applications on edge devices
**KontronGrid: Complete fleet management solution for edge devices and container based applications
***FabEagle®Connect: Low-code integration solution for standardized data interfaces for machines and IoT applications
More information: https://www.susietec.com/en/solutions/software



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com