Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601CMR Datasheet(PDF) 8 Page - STMicroelectronics

Part # DCP3601CMR
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601CMR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button DCP3601CMR Datasheet HTML 4Page - STMicroelectronics DCP3601CMR Datasheet HTML 5Page - STMicroelectronics DCP3601CMR Datasheet HTML 6Page - STMicroelectronics DCP3601CMR Datasheet HTML 7Page - STMicroelectronics DCP3601CMR Datasheet HTML 8Page - STMicroelectronics DCP3601CMR Datasheet HTML 9Page - STMicroelectronics DCP3601CMR Datasheet HTML 10Page - STMicroelectronics DCP3601CMR Datasheet HTML 11Page - STMicroelectronics DCP3601CMR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
The device intentionally interrupts the switching activities when two conditions happen together:
1. The peak inductor current required is lower than ISKIP
2. The voltage on the FB pin is higher than the reference voltage 0.85 V
A new switching cycle takes place once the voltage on the FB pins becomes lower than 0.85 V. The HS switch is
kept on until the inductor current reaches ISKIP. The amount of inductor peak current is independent of the
required conversion and component selection.
Once the current on the HS reaches the defined value, the device turns the HS off and turns the LS on. The LS is
kept enabled until one of the following conditions occurs:
1. The inductor current sensed by the LS becomes equal to zero
2. The switching period has expired
If, at the end of the switching cycle, the voltage on the FB (Feedback) pin is still above the reference voltage, the
LS (low-side switch) remains enabled until the inductor current becomes equal to zero. Otherwise, the device
turns on the HS again and starts a new switching pulse.
During the burst pulse, if the energy transferred to COUT increases the VFB level enough above the reference
voltage, the device interrupts the switching activities. The new cycle takes place only when VFB becomes lower
than the reference. Otherwise, as soon as the LS is turned off the HS is turned on.
Given the energy stored in the inductor during a burst, the voltage ripple depends on the capacitor value:
VOUT_RIPPLE=ΔQILCOUT=∫0TBURSTILt dt
COUT
(1)
In case of a very light-load condition in LCM, the device can enter into sleep mode with minimized input current
absorption.
6.3.2
Low noise mode (LNM)
Low noise mode implements a forced PWM operation over the different loading conditions. The LNM features a
constant switching frequency to minimize the noise in the final application and a constant voltage ripple at fixed
VIN.
The regulator in steady loading condition operates in continuous conduction mode (CCM) over the different
loading conditions.
The triangular shape current ripple (with zero average value) flowing into the output capacitor gives the output
voltage ripple, which depends on the capacitor value and the equivalent resistive component (ESR).
Consequently, the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
VOUT RIPPLE=ESR∙∆ILMAX+ ∆ILMAX
8∙COUT∙fSW
(2)
Usually, the resistive component of the ripple can be neglected if the selected output capacitor is a multilayer
ceramic capacitor (MLCC).
6.4
Dithering
The internal dithering circuit changes the switching frequency in a range of ± 5%.
ΔFSW=5%⋅FSM
(3)
The device updates the frequency every clock period by fixed steps:
•
Ramps up in 63 steps from minimum to maximum FSW
•
Ramps down in 63 steps from maximum to minimum FSW
The modulation shape is almost triangular with a frequency of:
FDitℎering=FSW/126
(4)
DCP3601
Functional description
DS14782 - Rev 1
page 8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com