Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601CMR Datasheet(PDF) 4 Page - STMicroelectronics

Part # DCP3601CMR
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601CMR Datasheet(HTML) 4 Page - STMicroelectronics

  DCP3601CMR Datasheet HTML 1Page - STMicroelectronics DCP3601CMR Datasheet HTML 2Page - STMicroelectronics DCP3601CMR Datasheet HTML 3Page - STMicroelectronics DCP3601CMR Datasheet HTML 4Page - STMicroelectronics DCP3601CMR Datasheet HTML 5Page - STMicroelectronics DCP3601CMR Datasheet HTML 6Page - STMicroelectronics DCP3601CMR Datasheet HTML 7Page - STMicroelectronics DCP3601CMR Datasheet HTML 8Page - STMicroelectronics DCP3601CMR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
3
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Power supply voltage
- 0.3 to + 38
V
VEN
Enable input voltage
- 0.3 to VIN +0.3
V
VFB
Feedback pin voltage
- 0.3 to + 1.5
V
VBOOT-SW
Boot to SW differential voltage
- 0.3 to + 5.5
V
SW
Switching node voltage DC
- 0.3 to VIN +0.3
V
TJ
Operating junction temperature
- 40 to 150
°C
TSTG
Storage temperature
- 55 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 4. Thermal data
Symbol
Parameter
SOT23-6L
Unit
RthJA
Thermal resistance junction-ambient
160
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
106
RθJB
Junction-to-board thermal resistance
55
ψJT
Junction-to-top characterization parameter
29
ψJB
Junction-to-board characterization parameter
61
Note:
These values were calculated in accordance with JESD specification and simulated on a 4-layer JEDEC board.
Table 5. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIN
Input supply voltage
3.3
36
V
VEN
Enable supply voltage (1)
0
VIN
V
IOUT
Output current
0
1
A
1. The voltage on this pin must not exceed the voltage on the VIN pin by more than 0.3 V.
Table 6. ESD ratings
Symbol
Parameter
Value
Unit
VESD
Human Body Model (HBM)
±1000
V
Charged Device Model (CDM)
±500
DCP3601
Maximum ratings
DS14782 - Rev 1
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com