Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP3601CMR Datasheet(PDF) 2 Page - STMicroelectronics

Part # DCP3601CMR
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601CMR Datasheet(HTML) 2 Page - STMicroelectronics

  DCP3601CMR Datasheet HTML 1Page - STMicroelectronics DCP3601CMR Datasheet HTML 2Page - STMicroelectronics DCP3601CMR Datasheet HTML 3Page - STMicroelectronics DCP3601CMR Datasheet HTML 4Page - STMicroelectronics DCP3601CMR Datasheet HTML 5Page - STMicroelectronics DCP3601CMR Datasheet HTML 6Page - STMicroelectronics DCP3601CMR Datasheet HTML 7Page - STMicroelectronics DCP3601CMR Datasheet HTML 8Page - STMicroelectronics DCP3601CMR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Application schematic
Figure 1. DCP3601 typical application schematic
Table 1. Typical external components
VOUT
L
CIN (1)
COUT (1)
CBOOT (1)
R1
R2
5.0 V
15 µH
2.2 µF / 50 V
22 µF / 25 V
100 µF / 50 V
73.2 kΩ
15 kΩ
XGL5050-153 - Coilcraft
744393305150 - Wurth
C2012X7R1H225K125AC
- TDK
C2012X5R1E226M125A
- TDK
C1608X7R1H104K080AA -
TDK
-
-
3.3 V
10 µH
2.2 µF / 50 V
22 µF / 25 V
100 nF / 50 V
86.6 kΩ
30 kΩ
XGL5050-103 - Coilcraft
C2012X7R1H225K125AC
- TDK
C2012X5R1E226M125A
- TDK
C1608X7R1H104K080AA -
TDK
-
-
1. Ceramic capacitor.
DCP3601
Application schematic
DS14782 - Rev 1
page 2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com