Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3121ESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3121ESA
Description  3.5A Synchronous buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3121ESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3121ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.16, 2019
AX3121
EN/SS
This pin can be supplied shutdown or soft start function. It is inside pull high function.
For normal application, the pin must be connected a capacitor to ground. There is a 6uA
current to charge this capacitor, vary the different capacitor value to control soft start time.
Allow the switching regulator circuit to be shutdown pulling this pin below a 0.4V threshold
voltage; the shutdown supply current is approximately 45uA.
The soft-start time can be calculated by below formula, please refer the formula to
design.
dT1
dT2
dV1
V
V
EN/SS
OUT
1.25V (D=100%)
0.25V (D=0%)
COMP
V
Internal OSC.
250KHz
Typ.
dV2
EN/SS
V
IEN/SS2 vs. Duty
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
90
100
Duty (%)
Calculate Start-up Delay Time (dT1)
dT1= C6 × dV1 ÷IEN/SS1
Where:
IEN/SS1=6uA
C6=10nF~1000nF
dV1=0.76V (EN/SS VIH)
Calculate Soft Start Time (dT2)
dT2=C6 × dV2 ÷ IEN/SS2
Where:
dV2=(1.25-0.25)×Duty= VOUT/VIN (V)
IEN/SS2=5.64-(5.64-3.03)×dV2÷(1.25-0.25)
=
5.64-2.61×VOUT/VIN (uA)
※
Duty (%) = VOUT/VIN × 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com