Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3121ESA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX3121ESA
Description  3.5A Synchronous buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3121ESA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX3121ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 12Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.16, 2019
AX3121
TYPICAL CHARACTERISTICS
0.600
0.605
0.610
0.615
0.620
0.625
0.630
0.635
0.640
4.5
7.5
10.5
13.5
16.5
19.5
22.5
VIN vs Feedback Voltage
VIN (V)
0
10
20
30
40
50
60
70
80
90
100
4.5
7.5
10.5
13.5
16.5
19.5
22.5
VIN vs Shutdown Current
VIN (V)
0.600
0.605
0.610
0.615
0.620
0.625
0.630
0.635
0.640
0
0.5
1
1.5
2
2.5
3
3.5
Load VS Feedback Voltage
Load (A)
0.600
0.605
0.610
0.615
0.620
0.625
0.630
0.635
0.640
-40℃ -20℃
0℃
25℃
50℃
85℃ 105℃ 125℃
Temperaure VS Feedback Voltage
Temperature (℃)
200
220
240
260
280
300
-40℃
-20℃
0℃
25℃
50℃
85℃
105℃ 125℃
Temperaure VS Frequency
Temperature (℃)
0
10
20
30
40
50
60
70
80
90
100
-40℃
-20℃
0℃
25℃
50℃
85℃
105℃ 125℃
Temperaure VS Shutdown Current
Temperature (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com