Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3121ESA Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX3121ESA
Description  3.5A Synchronous buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3121ESA Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX3121ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3121ESA Datasheet HTML 11Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.16, 2019
AX3121
Example:
@ C6=100nF, VIN=12V, VOUT=2.5V, IOUT=1A, EN-ON
dT1= C6 × dV1 ÷ IEN/SS1 = 100n x 0.76 ÷ 6u = 12.67mS
dT2=C6 × dV2 ÷ IEN/SS2 = 100n x 0.208 ÷ 5.1u = 4.08mS
Inductor Selection
For most designs, the inductor is suggested 22µH to 33µH. Please refer the below
table to design.
L1 recommend value (VIN=12V ,IOUT=3.5A)
VOUT
1.2V
1.8V
2.5V
3.3V
5V
L1 Value
22uH
22H
22uH
33uH
33uH
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
15% of the maximum load current 3.5A, ΔIL=0.52A. The DC current rating of the inductor
should be at least equal to the maximum load current plus half the ripple current to prevent
core saturation (3.5A+0.26A).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching
noise from the device. The input capacitor impedance at the switching frequency shall be
less than input source impedance to prevent high frequency switching current passing to
the input. A low ESR input capacitor sized for maximum RMS current must be used.
The capacitor voltage rating should be at least 1.5 times greater than the input
voltage, and often much higher voltage ratings are needed to satisfy.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure
regulation loop stability. The output capacitor must have low impedance at the switching
frequency. A low ESR capacitor sized for maximum RMS current must be used. The low
ESR requirements needed for low output ripple voltage.
The capacitor voltage rating should be at least 1.5 times greater than the input
voltage, and often much higher voltage ratings are needed to satisfy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com