Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3901 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3901
Description  18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3901 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3901 Datasheet HTML 7Page - AXElite technology co. ltd AX3901 Datasheet HTML 8Page - AXElite technology co. ltd AX3901 Datasheet HTML 9Page - AXElite technology co. ltd AX3901 Datasheet HTML 10Page - AXElite technology co. ltd AX3901 Datasheet HTML 11Page - AXElite technology co. ltd AX3901 Datasheet HTML 12Page - AXElite technology co. ltd AX3901 Datasheet HTML 13Page - AXElite technology co. ltd AX3901 Datasheet HTML 14Page - AXElite technology co. ltd AX3901 Datasheet HTML 15Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
Axelite Confidential Materials, do not copy or distribute without written consent
Rev.1.1 Oct 02, 2019
AX3901
External Bootstrap Diode
When the condition Duty Cycle > 65% occurs, it is strongly recommended to add an external
bootstrap diode (such as IN4148 or BAT54) between an external 5V and BST pin for efficiency
improvement. The external 5V should be lower than 5.5V.
Layout Consideration
For proper operation of the converter, some layout rules should be followed. It is necessary to
understand which pin of AX3901 is sensitive and which is insensitive. Please refer the following
for the location where noise comes from on the circuit and where the clear ground is for the small
signal ground.
1. First, put the input capacitor (CIN) as close as possible to the VIN pin.
2. Secondly, place the Cs, Rs, Cp, Css and R2 as close as AX3901 and connect these analog
grounds (Clear AGND) to AX3901 GND pin. It is recommended to use a dot short for these
AGND pins or connect the GND pin via contact.
3. The large current loop shown in bold lines in the above figure circuit should be routed as short
and wide as possible and the switch node is a high dv/dt. It easily couples noise to other
traces by the capacitive path. Therefore the sensitive signals like FB, COMP and AGND
should be routed away with this noise source.
4. The feedback network resistors (R1 & R2) should be routed away from the inductor and
switch node to minimize noise and EMI issue. And the R1 resistor should be sensed the
output capacitor or device loading, not the inductor’s output node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com