Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3901 Datasheet(PDF) 15 Page - AXElite technology co. ltd

Part # AX3901
Description  18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3901 Datasheet(HTML) 15 Page - AXElite technology co. ltd

Back Button AX3901 Datasheet HTML 9Page - AXElite technology co. ltd AX3901 Datasheet HTML 10Page - AXElite technology co. ltd AX3901 Datasheet HTML 11Page - AXElite technology co. ltd AX3901 Datasheet HTML 12Page - AXElite technology co. ltd AX3901 Datasheet HTML 13Page - AXElite technology co. ltd AX3901 Datasheet HTML 14Page - AXElite technology co. ltd AX3901 Datasheet HTML 15Page - AXElite technology co. ltd AX3901 Datasheet HTML 16Page - AXElite technology co. ltd AX3901 Datasheet HTML 17Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
Axelite Confidential Materials, do not copy or distribute without written consent
Rev.1.1 Oct 02, 2019
AX3901
(2) TDFN-6L (2*2)
SYMBOLS
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MIN.
A
0.70
0.80
0.028
0.031
A1
0.00
0.05
0.000
0.002
b
0.180
0.35
0.007
0.014
E
1.90
2.10
0.075
0.083
D
1.90
2.10
0.075
0.083
D1
1.00
1.70
0.040
0.067
E1
0.50
1.10
0.020
0.043
e
0.65
0.026
L
0.17
0.45
0.007
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com