Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007E15A Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX1007E15A
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007E15A Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX1007E15A Datasheet HTML 1Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 2Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 3Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 4Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 5Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 6Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 7Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 8Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
ORDER/MARKING INFORMATION
Order Information
Top Marking (SOT89-3L)
AX1007 X XX X
Package
Vout
E : SOT223-3L
D : TO252-3L
F : SOT89-3L
Blank : ADJ
12: 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
Packing
Blank: Tube
SOT223/TO252 : Tube
SOT89: Bag
A
: Taping
1
X
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
Y W
L
Output Type
0 0 7
AX1007-15: C
AX1007-18: D
AX1007-25: E
AX1007-33: F
AX1007-50: G
AX1007-12: B
ID code: internal
Part number
WW: 01~26(A~Z)
27~52(a~z)
AX1007-ADJ: A
:
Z=2044
Top Marking (SOT223-3L)
Top Marking (TO252-3L)
ADJ
1
Y
AX
Part number
ID code: internal
WW: 01~52
Logo
0
7
0
W W X
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
FIX
1
Y
AX
ID code: internal
WW: 01~52
0
7
0
W W X
V V
Output Voltage
AX1007-15: 1.5V
AX1007-18: 1.8V
AX1007-25: 2.5V
AX1007-33: 3.3V
AX1007-50: 5.0V
AX1007-12: 1.2V
-
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
ADJ
1
Y
AX
Part number
ID code: internal
WW: 01~52
Logo
0
7
0
W WX
Y
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
FIX
1
AX
ID code: internal
WW: 01~52
0
7
0
WW X
V V
Output Voltage
AX1007-15: 1.5V
AX1007-18: 1.8V
AX1007-25: 2.5V
AX1007-33: 3.3V
AX1007-50: 5.0V
AX1007-12: 1.2V
Y
Y
-
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com