Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007E15A Datasheet(PDF) 12 Page - AXElite technology co. ltd

Part # AX1007E15A
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007E15A Datasheet(HTML) 12 Page - AXElite technology co. ltd

Back Button AX1007E15A Datasheet HTML 8Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 9Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 10Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 11Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 12Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 13Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 14Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 15Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 16Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
PACKAGE OUTLINES
(1) SOT223-3L
H E
K
D
B1
e
e1
B
L
Seating Plane
3.3
2.3
1.2
Land Pattern Recommendation (Unit: mm)
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
1.8
-
-
0.071
A1
0.02
0.06
0.1
0.001
0.002
0.004
B
0.66
0.75
0.84
0.026
0.03
0.033
B1
2.9
3
3.1
0.114
0.118
0.122
C
0.23
0.315
0.35
0.009
0.012
0.014
D
6.3
6.5
6.7
0.248
0.256
0.264
E
3.3
3.5
3.7
0.13
0.138
0.146
H
6.7
7
7.3
0.264
0.278
0.287
L
0.75
-
-
0.03
-
-
K
1.5
1.75
2
0.059
0.069
0.079
e
2.3 Basic
0.091 Basic
e1
4.6 Basic
0.181 Basic
JEDEC outline: TO-261 AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com