Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007E15A Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX1007E15A
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007E15A Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX1007E15A Datasheet HTML 1Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 2Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 3Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 4Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 5Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 6Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 7Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 8Page - AXElite technology co. ltd AX1007E15A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
ELECTRICAL CHARACTERISTICS (CONTINUOUS)
(TA=25°C, Under Operating Conditions)
Characteristics
Conditions
Min
Typ
Max Units
Load Regulation
AX1007-ADJ
VIN=2.7V,10mA≦IOUT
≦
1A, TJ=25°C
(Note 1,2)
-
0.4
1
%
AX1007-1.2
VIN=2.7V,
10mA≦IOUT≦1A,,
TJ=25°C (Note 1,2)
-
10
12
mV
AX1007-1.5
VIN=3V,
10mA≦IOUT≦1A,,
TJ=25°C (Note 1,2)
-
12
15
mV
AX1007-1.8
VIN=3.3V,
0mA≦IOUT≦1A,
TJ=25°C (Note 1,2)
-
15
18
mV
AX1007-2.5
VIN=4V,
10mA≦IOUT≦1A,
TJ=25°C (Note 1,2)
-
20
25
mV
AX1007-3.3
VIN=5V,10mA ≦ IOUT
≦
1A, TJ=25°C
(Note 1,2)
-
26
33
mV
AX1007-5.0
VIN=6.5V,10mA ≦ IOUT
≦
1A, TJ=25°C
(Note 1,2)
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
AX1007-ADJ
/1.2/1.5/1.8
/2.5/3.3/5.0
IOUT = 1A ,
VOUT=1%VOUT
-
1.2
1.4
V
Current Limit
AX1007-ADJ/1.5/
1.8/2.5/3.3/5.0
(VIN-VOUT) = 1.5V
1.0
-
-
A
Minimum Load
Current
AX1007-XXX
0°C≦Tj≦125°C
-
5
7
mA
Adjust pin current
AX1007-ADJ
(VIN-VOUT) = 1.5V,
IOUT=10mA
-
50
100
uA
Ripple Rejection
F=120Hz, COUT=10μf, 0.2μf
AX1007-XX, (VIN-VOUT) = 1.5V
50
60
70
dB
Temperature Stability IOUT=10mA
-
0.5
-
%
Thermal shutdown Temp (Over temperature protect)
-
145
-
°C
Thermal Shutdown Hysteresis
-
40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com