Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS506 Datasheet(PDF) 3 Page - Campbell Scientific United Kingdom

Part # CS506
Description  10-Hour Fuel Temperature/ Moisture Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS506 Datasheet(HTML) 3 Page - Campbell Scientific United Kingdom

  CS506 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 2Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 3Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Replacement Dowels
The dowels of the fuel moisture stick (p/n #26601) and fuel tempera-
ture stick (model CS205) are easily replaced in the field with a Phillips
screwdriver and an adjustable wrench. Customers should replace the
dowels each spring; more frequent replacements may be required in
some environments. The more wet/dry cycles the dowels experience,
the more frequently they will need to be replaced.
Ordering Information
Fuel Temperature
Must order both a fuel temperature stick and a temperature probe.
Typically the fuel temperature stick/sensor is measured along side a fuel
moisture sensor/stick. The sensors can be mounted side-by-side on a Fuel
Moisture & Temperature Mounting Stake.
CS205
10-hour Fuel Temperature Stick (requires a 107 temperature
probe; see below)
Temperature Probe
107 Temperature Probe (-35° to +50°C) Must choose a cable
length option and cable termination option (see below).
Cable Length Options (choose one)
-10 10 ft (3 m) cable length.
-17 17 ft (5 m) cable length.
-33 33 ft (10 m) cable length (recommended)
-50 50 ft (15 m) cable length
-U-L User-defined cable length. Enter length, in ft, after the -L.
Cable Termination Options for 107 (choose one)
-PT Cable terminates in stripped and tinned leads for direct
connection to datalogger’s terminals.
-PW Cable terminates in a connector for attachment to a
prewired enclosure.
-C Cable terminates in a connector for attachment to a
ET107 station or CS110 electric field meter.
Fuel Moisture
Must order both a fuel moisture stick and a moisture probe. Typically
the fuel moisture stick/sensor is measured along side a fuel temperature
sensor/stick. The sensors can be mounted side-by-side on a Fuel Mois-
ture & Temperature Mounting Stake.
#26601
10-hour Fuel Moisture Stick (requires a CS506-L Fuel Moisture
Sensor; see below)
Fuel Moisture Probes (choose one)
CS506-L Fuel Moisture Sensor/10-hour Fuel Moisture Stick with user-
specified cable length. Enter cable length, in feet, after the
-L; standard length is 25 ft. Must choose a cable termination
option (see below).
Cable Termination Options for CS506-L (choose one)
-PT Cable terminates in stripped and tinned leads for direct
connection to datalogger’s terminals.
-PW Cable terminates in a connector for attachment to a
prewired enclosure.
Mounting Stake
#10974
Fuel Moisture & Temperature Mounting Stake
Replacement Dowels
#26601
10-hour Fuel Moisture Stick
CS205
10-hour Fuel Temperature Stick
The dowels can be easily replaced using a Phillips screwdriver
and an adjustable wrench. The CS205 is shown at left.
RAWS Station Products
Fuel Sensors for RAWS Stations
CS516-QD Fuel Moisture & Temperature Sensor for the RAWS-F Quick
Deployment Fire Weather Station. Sensors have a 12-ft cable
length and are mounted on the #10974 mounting stake.
CS516-LQ
Fuel Moisture & Temperature Sensor for the RAWS-P Perma-
nently Mounted Station; must specify a fuel moisture sensor
cable length and a temperature sensor cable length (see be-
low). The sensors are mounted on the #10974 mounting stake.
Cable lengths for the CS516-LQ
Recommended cable lengths are 25, 50, 75, or 100 ft (8, 15, 23, or 31 m).
-LQ Fuel moisture sensor cable length. Enter the cable length, in
feet, after the -LQ.
-LT Temperature sensor cable length. Enter the cable length, in
feet, after the -LT.
The CS516 attaches to the connectors la-
beled FM/FT on the RAWS connector panel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com