Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS506 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CS506
Description  10-Hour Fuel Temperature/ Moisture Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS506 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CS506 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 2Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 3Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fuel Moisture
CS506 Fuel Moisture Sensor
Our fuel moisture sensor, the CS506, reports the status of small-
diameter (10-hour) forest fire fuels as percent moisture by weight
(1%=1 g water/100 g dry fuel). It consists of an epoxy-encapsu-
lated electronics package that uses time-domain reflectometry
(TDR) technology to measure the moisture content of the #26601
10-hour Fuel Moisture Stick. The sensor produces a ±0.7 Vdc
square-wave frequency that is read using an analog or pulse
channel on a Campbell Scientific datalogger. The datalogger then
converts the frequency measurement to percent fuel moisture
via a quadratic calibration.
#26601 10-Hour Fuel Moisture Stick
The
#26601 10-hour Fuel Moisture Stick consists of a ponderosa-
pine dowel fabricated to USFS specifications. It has a 0.5 in.
diameter and a 20 in. length—the same dimensions as those
used on the traditional weighing fuel moisture racks. Each dowel
has undergone two additional sorts to optimize probe-to-probe
repeatability and to allow probe interchangeability without indi-
vidual calibration. The response of the CS506 sensor is similar to
the traditional weighing racks because the entire dowel surface is
exposed for moisture exchange.
The CS506 Fuel Moisture Sensor requires the purchase of a
#26601 10-hour Fuel Moisture Stick.
CS506 Fuel Moisture Sensor
#26601 10-hour
Fuel Moisture Stick
#26817 Fuel Moisture/Temperature Mounting Stake
The #26817 Mounting Stake is often used to mount the sensors
in the field. This stake places the CS506/26601 and the
CS205/107 probes twelve inches above the forest floor.
Because the probes are mounted parallel to each other,
shadowing is minimized. Cable ties are included for securing the
cables to the side of the stake.
CS516 Fuel Sensors for RAWS Stations
The CS516-QD and CS516-LQ are intended for our Remote Au-
tomated Weather Stations (RAWS). They consist of a CS506 Fuel
Moisture Sensor, a #26601 10-hour Fuel Moisture Stick, a CS205
Fuel Temperature Stick, and a 107 Thermistor mounted on a
#26817 Fuel Moisture/Temperature Mounting Stake.
CS516-QD
With the CS516-QD, the cables for the CS506 and 107 sensors
have a 12 ft length and are fitted with a military-style connec-
tor. The connector attaches to the enclosure of a RAWS-F Quick
Deployment Fire Weather Station.
CS516-LQ
With the CS516-LQ, the cables for the CS506 and 107 sensors are
also fitted with a military-style connector, but the cables have a
user-specified length. The CS516-LQ is intended to be used
with the RAWS-P Permanently Mounted Station.
CS506 Fuel Moisture Sensor
CS205 Fuel
Temperature Stick
#26601 Fuel Moisture Stick
107 Temperature Probe
This view shows how the instruments fit into the #26817
Fuel Moisture/Temperature Mounting Stake.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com