Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS506 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS506
Description  10-Hour Fuel Temperature/ Moisture Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS506 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS506 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 2Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 3Page - Campbell Scientific United Kingdom CS506 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS
www.campbellsci.eu/fuel-moisture-temperature
More info: +44(0) 1509 828 888
*Our fuel moisture sensors are not compatible with the CR200(X)-series dataloggers.
Remote Measurements
Monitors forest-fire factor;
ideal for use with RAWS
Overview
Campbell Scientific offers sensors that emulate and measure the
moisture content and temperature of similarly-sized twigs on the
forest floor. These 10-hour fuel moisture and fuel temperature
sensors are often incorporated in our pre-configured or custom
fire-weather stations. When connected to a datalogger with
telemetry capability, the user can automatically monitor changing
fuel conditions without having to visit the measurement site.
Benefits and Features
Compatible telemetry options include spread spectrum radios,
narrow-band radios, cellular phones, and satellite transmitters
Can automatically monitor changing fuel conditions without
having to visit the measurement site
Compatible with most Campbell Scientific dataloggers*
CS205/107 Fuel Temperature
To measure fuel temperature, both the CS205 Fuel Temperature Stick
and a 107 Temperature Probe are required. The CS205 provides a
ponderosa pine dowel that is fabricated to USFS specifications. A hole
is bored into one end of the dowel, where our thermistor-based
107 probe is inserted. The 107 measures the temperature inside
of the dowel. The CS205 and the 107 are sold separately.
CS205 10-Hour Fuel
Temperature Stick
CS506 Fuel
Moisture Sensor
#26601 Fuel Moisture Stick
107 Temperature
Probe
#26817 Fuel Moisture/
Temperature Mounting Stake
CS205 10-Hour Fuel
Temperature Stick
107 Temperature Probe
A transparent view shows a 107 temperature probe inserted inside of
the CS205 10-hour Fuel Temperature Stick.
CS205/107, CS506, CS516
10-Hour Fuel Temperature/ Moisture Sensors


Similar Part No. - CS506

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
CS500 AMD-CS500 Datasheet
2Mb / 4P
Flexible Computing Performance
logo
List of Unclassifed Man...
CS5010 ETC1-CS5010 Datasheet
219Kb / 8P
DES/3DES Encryption/Decryption Cores
CS5010-40 ETC2-CS5010-40 Datasheet
209Kb / 8P
DES/3DES Encryption/Decryption Cores
CS5010RQ ETC1-CS5010RQ Datasheet
219Kb / 8P
DES/3DES Encryption/Decryption Cores
CS5010RQ ETC2-CS5010RQ Datasheet
209Kb / 8P
DES/3DES Encryption/Decryption Cores
More results

Similar Description - CS506

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AAS-920-438A AMPHENOL-AAS-920-438A Datasheet
265Kb / 2P
Intergrated moisture and temperature measurement
logo
GS Yuasa Battery Sales ...
GS-6N2-2A GSYUASABATTERY-GS-6N2-2A Datasheet
1Mb / 1P
Capacity (10-hour) 2Ah
GS-6N4-2A-8 GSYUASABATTERY-GS-6N4-2A-8 Datasheet
181Kb / 1P
Capacity (10-hour) 4Ah
GS-6N4B-2A-4 GSYUASABATTERY-GS-6N4B-2A-4 Datasheet
181Kb / 1P
Capacity (10-hour) 4Ah
GS-6N6-1D-2 GSYUASABATTERY-GS-6N6-1D-2 Datasheet
181Kb / 1P
Capacity (10-hour) 6Ah
GS-12N7-4B GSYUASABATTERY-GS-12N7-4B Datasheet
1Mb / 1P
Capacity (10-hour) 7Ah
GS-12N9-3A-1 GSYUASABATTERY-GS-12N9-3A-1 Datasheet
187Kb / 1P
Capacity (10-hour) 9Ah
GS-C50-N18L-A GSYUASABATTERY-GS-C50-N18L-A Datasheet
1Mb / 1P
Capacity (10-hour) 20Ah
GS-C50-N18L-A2 GSYUASABATTERY-GS-C50-N18L-A2 Datasheet
182Kb / 1P
Capacity (10-hour) 20Ah
GS-C50-N18L-A3 GSYUASABATTERY-GS-C50-N18L-A3 Datasheet
1Mb / 1P
Capacity (10-hour) 20Ah
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com