Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6613ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6613ESA
Description  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6613ESA Datasheet HTML 1Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 2Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 3Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
ORDER/MARKING INFORMATION
Order Information
Top Marking (SOP-8L-EP)
Package Type
ES: SOP-8L-EP
AX6613 XX X
Packing
Blank : Tube
A : Taping
C: SOT23-6L
Z8: TDFN-8L(2*2)
Y
AX 6
Part number
ID code: internal
WW: 01~52
6 1 3
Y W W X
Logo
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
Top Marking (SOT-23-6L)
Top Marking (TDFN-8L)
G
AX6613
WW:01~26 (A~Z)
27~52 (a~z)
ID code:internal
AY WX
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
Week: 01~26(A~Z)
27~52(a~z)
ID Code: Internal
Y W X
G A
AX6613
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCNTL Supply Voltage
VCNTL
-0.3 to 7
V
VIN Supply Voltage
VIN
-0.3 to 6
V
EN and FB Pin Voltage
VI/O
-0.3 to VCNTL+0.3
V
Power good Voltage
VPOK
-0.3 to 7
V
Power Dissipation
SOP-8L-EP
PD
3
W
SOT-23-6L
0.4
TDFN-8L
0.8
Storage Temperature Range
TST
-65 to +150
°C
Junction Temperature Range
TJ
-40 to 125
°C
Operating Temperature Range
TOP
-40 to +85
°C
Thermal Resistance from Junction to
case
SOP-8L-EP
θJC
15
°C/W
SOT-23-6L
180
TDFN-8L
20
Thermal Resistance from Junction to
ambient
SOP-8L-EP
θJA
40
°C/W
SOT-23-6L
250
TDFN-8L
125
Note: θJA is measured with the PCB copper area (need connect to Expose-Pad) of approximately 1.5 in2 (Multi-layer) by
SOP-8L and DFN-8L packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com