Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6613ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX6613ESA
Description  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX6613ESA Datasheet HTML 1Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 2Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 3Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
APPLICATION CIRCUIT
1.
Using an Output Capacitor with ESR≧20mΩ
C1
1uF
R1
1K
Vout=1.2V/1A
VIN=1.5V
R3
1K
VCNTL=5V
C4
220uF
C5
0.1u
AX6613
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C2
100uF
C3
0.1uF
C6
12~48nF
R2
2K
OFF
ON
2.
Using an MLCC as the Output Capacitor
VIN=1.5V
R3
1K
Vout=1.2V/1A
VFB = 0.8V
AX6613
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C6
56pF
C5
22u
C1
1uF
C3
22uF
VOUT=VFB*(1+R1/R2)
VCNTL=5V
R2
78K
R1
39K
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com