Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6613ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX6613ESA
Description  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX6613ESA Datasheet HTML 1Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 2Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 3Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Conditions
Rating
Unit
VCNTL Supply Voltage
VCNTL
3 to 6.0
V
VIN Supply Voltage
VIN
1.0 to 5.5
V
Output Voltage
VOUT
VCNTL-VOUT>1.9V
0.8 to 2.8
V
Output Current
IOUT
0 to 1.0
A
ELECTRICAL CHARACTERISTICS
(VCNTL = 5V, VIN = 1.5V, VOUT = 1.2V, TA=25°C unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
VCNTL POR Threshold
VCNTL
2.5
2.7
2.9
V
VCNTL POR Hysteresis
VCNTL(hys)
-
0.4
-
V
VIN POR Threshold
VIN
0.8
0.9
1.0
V
VIN POR Hysteresis
VIN(hys)
-
0.5
-
V
VCNTL
Nominal
Supply
Current
ICNTL
EN= VCNTL
0.4
1
2
mA
VCNTL Shuntdown Current
ISD
EN= 0V
-
10
30
uA
Feedback Voltage
VFB
VCNTL=3 ~ 6.0V
0.784 0.8 0.816
V
Load Regulation
IOUT=0A ~ 1A
-
0.06 0.25
%
Dropout Voltage
VDROP
VOUT<2.0V,IOUT=1A
-
200 250
mV
2.0V<VOUT<2.8V,IOUT=1A
-
250 300
VOUT Pull Low Resistance
EN=0V
-
90
120
Ω
Soft Start Time
TSS
-
2
-
mS
EN Pin Logic High
threshold voltage
VENH
Enable
1.2
-
-
V
VENL
Disable
-
-
0.4
EN Hysteresis
-
50
-
mV
EN Pin Pull-Up Current
IEN
EN=GND
-
10
-
uA
Current Limit
ILIM
VCNTL=3~6.0V,
TJ= -40 ~ 125°C
1.2
-
-
A
Ripple Rejection
VIN
PSRR F=120Hz, IOUT=100mA
-
70
-
dB
VCNTL
-
65
-
Under-Voltage Threshold
VFB Falling
-
0.4
-
V
POK Threshold Voltage for
Power OK
VPOK
VFB Rising
89% 92% 95% VFB
POK Threshold Voltage for
Power Not OK
VPNOK VFB Falling
78% 81% 84% VFB
POK Low Voltage
POK sinks 5mA
-
0.25 0.4
V
POK Delay Time
TDELAY
0.8
2
10
mS
Thermal shutdown Temp
TSD
-
150
-
°C
Thermal Shutdown
Hysteresis
TSH
-
40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com