Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6615ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6615ESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6615ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6615ESA Datasheet HTML 1Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 2Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 3Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.12 2019
AX6615
ORDER/MARKING INFORMATION
Order Information
Package Type
AX6615 XXX X
Packing
Blank : Tube
A : Taping
ES: SOP-8L-EP
J10: TDFN-10L(3*3)
Top Marking (SOP-8L-EP)
Top Marking (TDFN-10L)
Y
AX6
Part number
ID code: internal
WW: 01~52
6 1 5
Y W W X
Logo
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
6
Part number
ID code: internal
WW: 01~52
Y Y W W X
6 1 5
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCNTL Supply Voltage
VCNTL
-0.3 to 7
V
VIN Supply Voltage
VIN
-0.3 to 6
V
EN and FB Pin Voltage
VI/O
-0.3 to VCNTL+0.3 V
Power good Voltage
VPOK
-0.3 to 7
V
Power Dissipation
SOP-8L-EP
PD
2.5
W
TDFN-10L
2.2
Storage Temperature Range
TST
-65 to +150
°C
Junction Temperature Range
TJ
-40 to 125
°C
Operating Temperature Range
TOP
-40 to +85
°C
Thermal Resistance from Junction to case
SOP-8L-EP
θJC
15
°C/W
TDFN-10L
Thermal Resistance from Junction to ambient
SOP-8L-EP
θJA
40
°C/W
TDFN-10L
45
Note: θJA is measured with the PCB copper area (need connect to Expose-Pad) of approximately 1.5 in2 (Multi-layer)
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Conditions
Rating
Unit
VCNTL Supply Voltage
VCNTL
3 to 5.5
V
VIN Supply Voltage
VIN
1.2 to 3.65
V
Output Voltage
VOUT
VCNTL-VOUT>1.9V
0.8 to VIN-VDROP
V
Output Current
IOUT
0 to 3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com