Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6615ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX6615ESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6615ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX6615ESA Datasheet HTML 1Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 2Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 3Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.12 2019
AX6615
ELECTRICAL CHARACTERISTICS
(VCNTL = 5V, VIN = 1.5V, VOUT = 1.2V, TA=25°C unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
VCNTL POR Threshold
VCNTL
2.5 2.7 2.9
V
VCNTL POR Hysteresis
VCNTL(hys)
-
0.4
-
V
VIN POR Threshold
VIN
0.8 0.9 1.0
V
VIN POR Hysteresis
VIN(hys)
-
0.5
-
V
VCNTL
Nominal
Supply
Current
ICNTL EN= VCNTL
-
1
1.8 mA
VCNTL Shuntdown Current
ISD
EN= 0V
-
15
30
uA
Feedback Voltage
VFB
VCNTL=5V, IOUT =10mA
0.788 0.8 0.812 V
Load Regulation
IOUT=0A ~ 3A
-
0.06 0.25
%
Line Regulation
VCNTL= VEN =5V
VIN = VOUT + 0.5V~5V
IOUT =10mA
-
0.01 0.1 %/V
Dropout Voltage
VDROP
IOUT = 3A,
VCNTL=5V
VOUT=1.2V
-
0.23 0.28
V
VOUT Pull Low Resistance
EN=0V
-
85
-
Ω
Soft Start Time
TSS
-
2
4
mS
EN Pin Logic High
threshold voltage
VENH Enable
1.2
-
-
V
VENL Disable
-
-
0.4
EN Hysteresis
-
50
-
mV
EN Pin Pull-Up Current
IEN
EN=GND
-
10
-
uA
Current Limit
ILIM
VCNTL=3~5.5V
TJ= -40 ~ 125°C
3.3
-
-
A
Ripple Rejection
VIN
PSRR F=120Hz, IOUT=100mA
-
65
-
dB
VCNTL
-
65
-
Under-Voltage Threshold
VFB Falling
-
0.4
-
V
POK Threshold Voltage for
Power OK
VPOK VFB Rising
89% 92% 95% VFB
POK Threshold Voltage for
Power Not OK
VPNOK VFB Falling
78% 81% 84% VFB
POK Low Voltage
POK sinks 5mA
-
0.25 0.4
V
Thermal shutdown Temp
TSD
-
160
-
°C
Thermal Shutdown
Hysteresis
TSH
-
50
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com